Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTL31 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FTL31
Description  Technical Information
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FTL31 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FTL31 Datasheet HTML 17Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 18Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 19Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 20Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 21Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 22Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 23Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 24Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Liquiphant FTL31
Endress+Hauser
21
Dimensions
Version Description
66.4 (2.6)
112 (4.41)*
136.6 (5.38)**
38 (1.5)
18.5 (0.73)
32
A0022232
 9
Compact version
105.8 (4.17)
151.4 (5.96)*
176 (6.93)**
38 (1.5)
32
18.5 (0.73)
A0022231
 10
Short tube version
WDJ
Thread ISO 228 G 1"
• Material: 316L
• Scope of delivery: flat seal (FA)
• Pressure and temperature (maximum):
+40 bar (+580 psi) at +150 °C (+302 °F)
Dimensions
Version Description
47.9 (1.89)
77.4 (3.05)
136.6 (5.38)*
151.4 (5.96)**
38 (1.5)
32
A0022008
 11
Compact version
87.3 (3.44)
116.8 (4.6)
176 (6.93)*
190.8 (7.51)**
38 (1.5)
32
A0022007
 12
Short tube version
WSJ
Thread ISO 228 G 1"
for flush-mounted installation in weld-in adapter
• Material: 316L
• Scope of delivery: flat seal (FA)
Accessory: weld-in adapter
– Scope of delivery: seal (VMQ)
– Pressure and temperature (maximum):
+25 bar (+362 psi) at +150 °C (+302 °F)
+40 bar (+580 psi) at +100 °C (+212 °F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com