Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTL31 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FTL31
Description  Technical Information
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FTL31 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FTL31 Datasheet HTML 4Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 5Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 6Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 7Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 8Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 9Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 10Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 11Page - List of Unclassifed Manufacturers FTL31 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Liquiphant FTL31
8
Endress+Hauser
Electronic version 2-wire AC/DC
The load is switched via an electronic switch directly in the power supply circuit. Always connect in
series with a load!
Not suitable for connection to low-voltage PLC inputs!
Selection tool for relays
2.7
2.5
2.3
2.1
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
20
24
27
43
48
53
60
110
121
207
230
253
P/S
U
P1
P2
A0023486
 1
Minimum rated power of the load
P/S Rated power in [W] / [VA]
U
Operating voltage in [V]
Item
Supply voltage
Rated power
min
max
P1
AC mode
24 V
110 V
230 V
> 1.3 VA
> 1.5 VA
> 2.5 VA
< 6 VA
< 27.5 VA
< 57.5 VA
P2
DC mode
24 V
48 V
60 V
> 0.7 W
> 0.9 W
> 1.5 W
< 6 W
< 12 W
< 15 W
Relays with a lower rated power can be operated by means of an RC module connected in parallel
(optional).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com