Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1670 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT1670 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
HT1670
Rev. 1.10
11
September 17, 2004
Buzzer Tone Output
A simple tone generator is implemented in the HT1670.
The tone generator can output a pair of differential driv-
ing signals on the BZ and BZ which are used to generate
a single tone.
By executing the TONE 4K and TONE 2K commands
there are two tone frequency outputs selectable that can
turn on the tone output. The TONE 4K and TONE 2K
commands set the tone frequency to 4kHz and 2kHz, re-
spectively. The tone output can be turned off by invoking
the TONE OFF command. The tone outputs, namely BZ
and BZ, are a pair of differential driving outputs used to
drive a piezo buzzer. Once the system is disabled or the
tone output is inhibited, the BZ and the BZ outputs will
remain at low level.
Command Format
The HT1670 can be configured by software setting.
There are two mode commands to configure the
HT1670 resource and to transfer the LCD display data.
The configuration mode of the HT1670 is called com-
mand mode, and its command mode ID is 100. The
command mode consists of a system configuration
command, a system frequency selection command, an
LCD configuration command, a tone frequency selec-
tion command, a bias current selection command, a
timer/WDT setting command, and an operating com-
mand. The data mode, on the other hand, includes
READ, WRITE, and READ-MODIFY-WRITE opera-
tions.
The following are the data mode ID and the command
mode ID:
Operation
Mode
ID
READ
Data
110
WRITE
Data
101
READ-MODIFY-WRITE
Data
101
COMMAND
Command
100
If successive commands have been issued, the com-
mand mode ID can be omitted. While the system is op-
erating in the non-successive command or the
non-successive address data mode, the CS pin should
be set to
²1² and the previous operation mode will also
be reset. The CS pin returns to
²0², so a new operation
mode ID should be issued first.
W D T E N / D I S
I R Q E N / D I S
D
C K
Q
R
C L R W D T
C l o c k S o u r c e
¸ 4
¸ 2 5 6
T i m e B a s e
C L R T i m e r
I R Q
W D T
V D D
T I M E R E N / D I S
Time Base and WDT Configurations
Name
Command Code
Function
TONE OFF
X100-0000-1000-XXXX
Turn-off tone output
TONE 4K
X100-0001-0000-XXXX
Turn-on tone output, tone frequency is 4kHz
TONE 2K
X100-0001-0001-XXXX
Turn-on tone output, tone frequency is 2kHz
Buzzer Tone Output Command Code
The following are the data mode ID and the command ID:
Operation
Mode
ID
READ
Data
110
WRITE
Data
101
READ-MODIFY-WRITE
Data
101
COMMAND
Command
100
If successive commands have been issued, the command mode ID can be omitted. While the system is operating in the
non-successive address data mode, the CS pin should be set 1 and the previous operation mode will also be reset. The
CS pin returns to 0, so a new operation mode ID should be issued first.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com