Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1670 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT1670 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 16Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 17Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 18Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 19Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Instruction Set Summary
Name
Command Code
D/C
Function
Def.
READ
X110-XXA9A8-A7A6A5A4-A3A2A1A0-
D3D2D1D0
D
Read data from the RAM
WRITE
X101-XXA9A8-A7A6A5A4-A3A2A1A0-
D3D2D1D0
D
Write data to the RAM
READ-MODIFY-
WRITE
X101-XXA9A8-A7A6A5A4-A3A2A1A0-
D3D2D1D0
D
Read and Write data to the RAM
SYS DIS
X100-0000-0000-XXXX-XXXX
C
Turn Off both system oscillator and LCD bias
generator
Yes
SYS EN
X100-0000-0001-XXXX-XXXX
C
Turn On system oscillator
LCD OFF
X100-0000-0010-XXXX-XXXX
C
Turn Off LCD display
Yes
LCD ON
X100-0000-0011-XXXX-XXXX
C
Turn On LCD display
TIMER DIS
X100-0000-0100-XXXX-XXXX
C
Disable time base output
Yes
WDT DIS
X100-0000-0101-XXXX-XXXX
C
Disable WDT time-out flag output
Yes
TIMER EN
X100-0000-0110-XXXX-XXXX
C
Enable time base output
WDT EN
X100-0000-0111-XXXX-XXXX
C
Enable WDT time-out flag output
TONE OFF
X100-0000-1000-XXXX-XXXX
C
Turn Off tone outputs
Yes
CLR TIMER
X100-0000-1101-XXXX-XXXX
C
Clear the contents of the time base generator
CLR WDT
X100-0000-1111-XXXX-XXXX
C
Clear the contents of the WDT stage
TONE 4K
X100-0001-0000-XXXX-XXXX
C
Turn on tone output, tone frequency output:
4kHz
TONE 2K
X100-0001-0001-XXXX-XXXX
C
Turn on tone output, tone frequency output:
2kHz
IRQ DIS
X100-0001-0010-XXXX-XXXX
C
Disable IRQ output
Yes
IRQ EN
X100-0001-0011-XXXX-XXXX
C
Enable IRQ output
RC 32K
X100-0001-0100-XXXX-XXXX
C
System clock source, on-chip RC oscillator
Yes
EXT (X
¢TAL)
X100-0001-0101-XXXX-XXXX
C
System clock source, external 32kHz clock
source or crystal oscillator 32.768kHz
LARGE BIAS
X100-0001-0110-XXXX-XXXX
C
Large bias current option
Yes
MIDDLE BIAS
X100-0001-0111-XXXX-XXXX
C
Middle bias current option
SMALL BIAS
X100-0001-1000-XXXX-XXXX
C
Small bias current option
BIAS 1/6
X100-0001-1010-XXXX-XXXX
C
LCD 1/6 bias option
Yes
BIAS 1/5
X100-0001-1001-XXXX-XXXX
C
LCD 1/5 bias option
FRAME 170Hz
X100-0001-1100-XXXX-XXXX
C
Selects 170Hz frame frequency
FRAME 89Hz
X100-0001-1101-XXXX-XXXX
C
Selects 89Hz frame frequency
FRAME 64Hz
X100-0001-1110-XXXX-XXXX
C
Selects 64Hz frame frequency
Yes
Select 144
´16
X100-0001-1111-XXXX-XXXX
C
This command will change segment from 96
to 112 and command from 32 to 16
F1
X100-1010-0000-XXXX-XXXX
C
Time base clock output: 1Hz
The WDT time-out flag after: 4s
F2
X100-1010-0001-XXXX-XXXX
C
Time base clock output: 2Hz
The WDT time-out flag after: 2s
F4
X100-1010-0010-XXXX-XXXX
C
Time base clock output: 4Hz
The WDT time-out flag after: 1s
HT1670
Rev. 1.10
16
September 17, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com