Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS6002D Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # LMS6002D
Description  Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMS6002D Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button LMS6002D Datasheet HTML 7Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 8Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 9Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 10Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 11Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 12Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 13Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 14Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
© Copyright Lime Microsystems
LMS6002D
LimeLight
™
12
PACKAGE OUTLINE AND PIN DESCRIPTION
116
114 112
110
108 106
104 102 100
98
94
92
90
88
96
115
113 111
109
107 105
103
101
97
95
93
91
99
89
53
55
57
51
52
54
56
58
45
47
49
43
44
46
48
50
37
39
41
35
36
38
40
42
31
33
30
32
34
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
60
62
64
66
68
72
74
76
78
80
82
84
86
29
27
25
23
21
19
17
28
26
24
22
20
18
16
10
15
13
11
1
14
12
3
5
7
9
8
6
4
2
9 x 9 mm
0.5 mm pitch
70
DQFN120
NC
NC
NC
NC
9 mm
7 mm
0.5 mm
6.5 mm
Figure 18: DQFN120 package (top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com