Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS6002D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LMS6002D
Description  Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LMS6002D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LMS6002D Datasheet HTML 1Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 2Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 3Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 4Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 5Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 6Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 7Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 8Page - List of Unclassifed Manufacturers LMS6002D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
LMS6002D
© Copyright Lime Microsystems
LMS6002D - Multi-band Multi-standard
Transceiver with Integrated Dual DACs and ADCs
The top level architecture of LMS6002D transceiver is shown in Figure
1. Both transmitter and receiver are implemented as zero IF
architectures providing up to 28MHz modulation bandwidth (equivalent
to 14MHz baseband IQ bandwidth).
On the transmit side, IQ DAC samples from the baseband processor
are provided to the LMS6002D on a 12 bit multiplexed parallel CMOS
input level bus. Analog IQ signals are generated by on chip transmit
DACs. These are fed to the TXINI and TXINQ inputs. Transmit low pass
filters (TXLPF) remove the images generated by zero hold effect of the
DACs. The IQ signals are then amplified (TXVGA1) and DC offset is
inserted in the IQ path by LO leakage DACs in order to cancel the LO
leakage. The IQ signals are then mixed with the transmit PLL (TXPLL)
output to produce a modulated RF signal. This RF signal is then split
and amplified by two separate variable gain amplifiers (TXVGA2) and
two off chip outputs are provided as RF output.
Transmitter gain control range of 56dB is provided by IF (TXVGA1,
31dB range) and RF (TXVGA2, 25 dB range) variable gain amplifiers.
Both TXVGAs have 1dB gain step control.
The LMS6002D provides an RF loop back option (see Figure 1) which
enables the TX RF signal to be fed back into the baseband for
calibration and test purposes. The RF loop back signal is amplified by
an auxiliary PA (AUXPA) in order to increase the dynamic range of the
loop.
On the receive side, three separate inputs are provided each with a
dedicated LNA. Each port preconditioned RF signal is first amplified by
a programmable low noise amplifier (RXLNA). The RF signal is then
mixed with the receive PLL (RXPLL) output to directly down convert to
baseband. Large AGC steps can be implemented by an IF amplifier
(RXVGA1) prior to the programmable bandwidth lowpass channel
select filters (RXLPF). The received IQ signal is further amplified by a
programmable gain amplifier RXVGA2. DC offset is applied at the input
of RXVGA2 to prevent saturation and to preserve receive the ADC(s)
dynamic range. The resulting analog receive IQ signals are converted
into the digital domain using the on chip receive ADCs and provided as
an output to the baseband processor on a multiplexed 12 bit CMOS
output level parallel bus. The receive clock, RX_CLK, is provided off
chip at the RX_CLK_OUT pin and can be used to synchronise with the
baseband digital receive data sampling clock.
By closing the RXOUT switch and powering down RXVGA2, the
RXOUTI and RXOUTQ pins can be used as IQ ADCs inputs. In this
configuration the ADCs can be used to measure two external signals,
such as an off chip PA temperature sensor or peak detector.
Two transmitter outputs (TXOUT1, TXOUT2) and three receiver inputs
(RXIN1, RXIN2, RXIN3) are provided to facilitate multi-band operation.
The functionality of the LMS6002D is fully controlled by a set of internal
registers which can be accessed through a serial port.
In order to enable full duplex operation, the LMS6002D contains two
separate synthesizers (TXPLL, RXPLL) both driven from the same
reference clock source PLLCLK. The PLLCLK signal is provided at the
PLLCLKOUT output pin and can be used as the baseband clock.
Differential signalling is done in the receive and transmit analog paths
throughout the chip.
Parameter
Condition/Comment
Min
Typ
Max
Unit
TRX RF Frequency Range
0.3
3.8
GHz
Baseband Bandwidth
0.75
14
MHz
Frequency Resolution
Using 41MHz PLL reference clock
2.4
Hz
TRX 3.3V Supply
3.1
3.3
3.5
V
TRX 1.8V Supply
1.7
1.8
1.9
V
TX Supply Current
At maximum gain
280
mA
RX Supply Current
At maximum gain
220
mA
Digital Core Supply Voltage
1.7
1.8
1.9
V
Digital Peripheral (IO)
Supply Voltage
Can go below 3.3V nominal to
support LV CMOS signalling
1.7
3.3
3.5
V
Ambient Temperature
-40
25
85
oC
Storage Temperature
-65
125
oC
Maximum RF Output Power
Continuous wave
6
dBm
Absolute Maximum RF Input
Power
No damage
23
dBm
PLL Reference Clock
For continuous LO frequency
range
23
41
MHz
PLL Phase Noise
1MHz offset
-125
dBc/Hz
Table 1: General specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com