Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS202UT3G Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS202UT3G
Description  Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS202UT3G Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS202UT3G Datasheet HTML 1Page - First Silicon Co., Ltd FDS202UT3G Datasheet HTML 2Page - First Silicon Co., Ltd FDS202UT3G Datasheet HTML 3Page - First Silicon Co., Ltd FDS202UT3G Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS (Each Diode)
l
o
b
m
y
S
g
n
i
t
a
R
Value
Unit
V
g
a
t
l
o
V
e
s
r
e
v
e
R
R
80
Vdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
o
100
mAdc
Peak Forward Surge Current
I FM(surge)
300
mAdc
Forward voltage (If = 100mA )
VF
1.2
V
Reverse current (Vr = 70V )
IR
0.1
uA
3
CATHODE
ANODE
1
ANODE
2
Ultra high speed switching
Suitable for high packing density layout.
High reliability.
FEATURES
Switching Diodes
Capacitance between terminals(f =1MHz)
C T
3.5
pF
Reverse recovery time(Vr= 6V,If=5 mA)
Trr
4
nS
0
0
125
100
75
50
25
25
50
75
100
125
150
AMBIENT TEMPERATURE :Ta (ºC)
Fig 1 Power attenuation curve
−30ºC
0
0 1
0 2
0 5
1
2
5
10
20
50
0 2
0 4
0 6
0 8
1 0
1 2
0ºC
Ta=85ºC
25ºC
50ºC
FORWARD VOLTAGE : V F (V)
1 4
1 6
Fig.2 Forward characteristics
(P Type)
Ta=100ºC
0
75ºC
50ºC
25ºC
0ºC
−25ºC
1000
100
10
0.1
0.01
10
20
30
40
50
REVERSE VOLTAGE : V R (V)
1
Fig.3 Reverse characteristics
(P Type)
ELECTRICAL CHARACTERISTIC CURVES
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
FDS202UT1G
N
3000/Tape&Reel
FDS202UT3G
N
10000/Tape&Reel
•
•
•
2008. 04. 20
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS202U
Revision No : 0
SC-70 / SOT-323
3
2
1


Similar Part No. - FDS202UT3G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2070N3 FAIRCHILD-FDS2070N3 Datasheet
192Kb / 6P
150V N-Channel PowerTrench MOSFET
FDS2070N7 FAIRCHILD-FDS2070N7 Datasheet
200Kb / 6P
150V N-Channel PowerTrench MOSFET
logo
First Silicon Co., Ltd
FDS20U FS-FDS20U Datasheet
176Kb / 2P
High Voltage Switching Diode
FDS20W FS-FDS20W Datasheet
182Kb / 2P
HIGH VOLTAGE SWITCHING DIODE
More results

Similar Description - FDS202UT3G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA193 PANASONIC-MA193 Datasheet
99Kb / 4P
Switching Diodes
logo
Pan Jit International I...
1N4148 PANJIT-1N4148_10 Datasheet
75Kb / 2P
SWITCHING DIODES
BAV19 PANJIT-BAV19 Datasheet
70Kb / 2P
SWITCHING DIODES
logo
Micro Commercial Compon...
BAV300 MCC-BAV300 Datasheet
716Kb / 3P
Switching Diodes
logo
Shenzhen Jin Yu Semicon...
BAT54W HTSEMI-BAT54W Datasheet
328Kb / 2P
SWITCHING Diodes
logo
Rugao Dachang Electroni...
LL4148 DACHANG-LL4148 Datasheet
124Kb / 2P
Switching Diodes
logo
Shenzhen Luguang Electr...
1SS184 LUGUANG-1SS184 Datasheet
238Kb / 2P
Switching Diodes
1SS226 LUGUANG-1SS226 Datasheet
250Kb / 2P
Switching Diodes
logo
WILLAS ELECTRONIC CORP
1SS400 WILLAS-1SS400 Datasheet
514Kb / 2P
SWITCHING Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com