Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS202UT3G Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDS202UT3G
Description  Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS202UT3G Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDS202UT3G Datasheet HTML 1Page - First Silicon Co., Ltd FDS202UT3G Datasheet HTML 2Page - First Silicon Co., Ltd FDS202UT3G Datasheet HTML 3Page - First Silicon Co., Ltd FDS202UT3G Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0
0 1
0 2
0 5
1
2
5
10
20
50
0 2 0 4 0 6 0 8 1 0 1 2
0ºC
−30ºC
Ta=85ºC
50ºC
25ºC
1 4 1 6
FORWARD VOLTAGE : V F (V)
Fig.4 Forward characteristics
(N Type)
REVERSE VOLTAGE : V R (V)
Fig.5 Reverse characteristics
(N Type)
0 01
100
1000
10
0 1
1
10
20
30
40
80
70
60
50
0
Ta=100 °C
75°C
50°C
25°C
−25°C
0°C
0
0
4
2
246
8 10 12 14 16
P Type
N Type
f=1MHz
REVERSE VOLTAGE : V R (V)
18 20
Fig.6 Capacitance between
terminals characteristics
0
0
10
9
8
7
6
5
4
3
2
1
10
9
8
7
6
5
4
3
2
1
P Type
N Type
VR=6V
FORWARD CURRENT I F (mA)
Fig 7 Reverse recovery time
PULSE GENERATOR
OUTPUT 50 Ω
SAMPLING
OSCILLOSCOPE
50Ω
0 01µF
100ns
INPUT
D U T
trr
OUTPUT
0
5Ω
Fig.8 Reverse recovery time (trr) measurement circuit
2008. 4.20
2/3
FDS202U
Revision No : 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com