Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDZ2.7SOD723 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDZ2.7SOD723
Description  ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ2.7SOD723 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDZ2.7SOD723 Datasheet HTML 1Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 2Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 3Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 4Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2016. 4. 23
1/5
SEMICONDUCTOR
TECHNICAL DATA
FDZ2.4SOD723 ~
FDZ39SOD723
Revision No : 0
SOD-723 ZENER DIODE
FEATURES
Planar Die Construction
100mW Power Dissipation
Zener Voltages from 2.4 – 39V
Maximum Ratings @TA=25℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@IF=10mA
VF
0.9
V
Power Dissipation (Note 1)
Pd
100
mW
Thermal Resistance, Junction to Ambient Air
RθJA
1250
℃/W
SOD-723
JunctionTemperature
Tj
150
℃
Storage Temperature Range
Tstg
-55 ~+150
℃


Similar Part No. - FDZ2.7SOD723

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZ2.7 FS-FDZ2.7 Datasheet
259Kb / 3P
Zener Diode
FDZ2.7E FS-FDZ2.7E Datasheet
405Kb / 6P
Zener Voltage Regulators
FDZ2.7F FS-FDZ2.7F Datasheet
415Kb / 4P
Zener Voltage Regulators
More results

Similar Description - FDZ2.7SOD723

ManufacturerPart #DatasheetDescription
logo
Rohm
PTZ68B ROHM-PTZ68B Datasheet
773Kb / 5P
Zener diode
logo
AUK corp
SDZ5V6D AUK-SDZ5V6D Datasheet
33Kb / 3P
Zener Diode
logo
Diodes Incorporated
KDZ3.6B DIODES-KDZ3.6B Datasheet
128Kb / 5P
Zener diode
logo
Rohm
KDZ5.1B ROHM-KDZ5.1B Datasheet
134Kb / 5P
Zener diode
KDZ6.2B ROHM-KDZ6.2B Datasheet
134Kb / 5P
Zener diode
UMZ8.2N ROHM-UMZ8.2N_1 Datasheet
187Kb / 3P
Zener diode
logo
AUK corp
SDZ5V1 AUK-SDZ5V1 Datasheet
40Kb / 3P
Zener Diode
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
1 Watt Zener Diode Zener Diode
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com