Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDZ2.7SOD723 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDZ2.7SOD723
Description  ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDZ2.7SOD723 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDZ2.7SOD723 Datasheet HTML 1Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 2Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 3Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 4Page - First Silicon Co., Ltd FDZ2.7SOD723 Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2016. 4. 23
2/5
Revision No : 0
FDZ2.4SOD723 ~ FDZ39SOD723
Zener Voltage Range (Note 2)
Maximum Zener Impedance
(Note 3)
Maximum
Reverse
Current
Typical
Temperature
Coefficent
@IZT=5 mA
mV/°C
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
VR
Type Number
Type
Code
Nom(V)
Min(V)
Max(V)
mA
Ω
mA
uA
V
Min
Max
FDZ2.3SOD723
Z1
2.2
2.30
2.45
5
100
600
1.0
50
1.0
-3.5
0
FDZ3.0SOD723
Z3
3
2.94
3.06
5
95
600
1.0
10
1.0
-3.5
0
FDZ3.3SOD723
Z4
3.3
3.23
3.37
5
95
600
1.0
5
1.0
-3.5
0
FDZ3.6SOD723
Z5
3.6
3.53
3.67
5
90
600
1.0
5
1.0
-3.5
0
FDZ3.9SOD723
Z6
3.9
3.82
3.98
5
90
600
1.0
3
1.0
-3.5
0
FDZ4.3SOD723
Z7
4.3
4.21
4.39
5
90
600
1.0
3
1.0
-3.5
0
FDZ4.7SOD723
X1
4.7
4.61
4.79
5
80
500
1.0
3
2.0
-3.5
0.2
FDZ5.1SOD723
X2
5.1
5.00
5.20
5
60
480
1.0
2
2.0
-2.7
1.2
FDZ5.6SOD723
X3
5.6
5.49
5.71
5
40
400
1.0
1
2.0
-2.0
2.5
FDZ6.2SOD723
X4
6.2
6.08
6.32
5
10
150
1.0
3
4.0
0.4
3.7
FDZ6.8SOD723
X5
6.8
6.66
6.94
5
15
80
1.0
2
4.0
1.2
4.5
FDZ7.5SOD723
X6
7.5
7.35
7.65
5
15
80
1.0
1
5.0
2.5
5.3
FDZ8.2SOD723
X7
8.2
8.04
8.36
5
15
80
1.0
0.7
5.0
3.2
6.2
FDZ9.1SOD723
X8
9.1
8.92
9.28
5
15
100
1.0
0.5
6.0
3.8
7.0
FDZ10SOD723
X9
10
9.80
10.20
5
20
150
1.0
0.2
7.0
4.5
8.0
FDZ11SOD723
W1
11
10.78
11.22
5
20
150
1.0
0.1
8.0
5.4
9.0
FDZ12SOD723
W2
12
11.76
12.24
5
25
150
1.0
0.1
8.0
6.0
10.0
FDZ13SOD723
W3
13
12.74
13.26
5
30
170
1.0
0.1
8.0
7.0
11.0
FDZ15SOD723
W4
15
14.70
15.30
5
30
200
1.0
0.1
10.5
9.2
13.0
FDZ16SOD723
W5
16
15.68
16.32
5
40
200
1.0
0.1
11.2
10.4
14.0
FDZ18SOD723
W6
18
17.64
18.36
5
45
225
1.0
0.1
12.6
12.4
16.0
FDZ20SOD723
W7
20
19.60
20.40
5
55
225
1.0
0.1
14.0
14.4
18.0
FDZ22SOD723
W8
22
21.56
22.44
5
55
250
1.0
0.1
15.4
16.4
20.0
FDZ24SOD723
W9
24
23.52
24.48
5
70
250
1.0
0.1
16.8
18.4
22.0
FDZ27SOD723
Y1
27
26.46
27.54
2
80
300
0.5
0.1
18.9
21.4
25.3
FDZ30SOD723
Y2
30
29.40
30.60
2
80
300
0.5
0.1
21.0
24.4
29.4
FDZ33SOD723
Y3
33
32.34
33.66
2
80
325
0.5
0.1
23.1
27.4
33.4
FDZ36SOD723
Y4
36
35.28
36.72
2
90
350
0.5
0.1
25.2
30.4
37.4
FDZ39SOD723
Y5
39
38.22
39.78
2
130
350
0.5
0.1
27.3
33.4
41.2
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, period=5ms,pulse width =300us.
3. f = 1KHz
ELECTRICAL CHARACTERISTICS Ta=25℃ unless otherwise specified
FDZ2.7SOD723
Z1
2.4
2.35
2.75
5
100
600
1.0
50
1.0
-3.5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com