Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-AF47 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-AF47
Description  Medical & ITE Switching Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-AF47 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-AF47 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-AF47 Datasheet HTML 2Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOV. 2016
2-1
** This data sheet is only for models selection. For business, engineering specification by model must be used.
-Jim-
Rated
40W
Peak
60W
SNP-AF4 Series
Medical & ITE
Switching Adapter
Mechanical Specifications:
Features:
Input voltage ......................................... 90 VAC to 264 VAC
Input frequency ............................................. 47 Hz to 63 Hz
Inrush current ............................................< 80A at 230VAC
Average efficiency ......... > 87.7% at 25%, 50%, 75%, 100%
of rated load and 115Vac/230Vac input
No-load input power ................................................< 75mW
Hold up time ......................................................16ms typical
Over load/Short citcuit protection ................... auto recovery
Over voltage protection ............................................ latch of
Operating temperature ..................................... -20oC to 60oC
derating: 2.5% / oC > 40oC
Storage temperature ......................................-20oC to +85oC
EMI ................................................................ FCC class "B"
CISPR 22 level "B"
Harmonics............................................EN61000-3-2, class A
EMS...................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ............................................. UL60601-1, UL60950-1
CSA C22.2 No. 60950-1(cUL)
TUV EN60601-1, EN60950-1
Energy Saving ........................................ EC Code of Conduct
for EPS Version (Tier 2)
General Specifications:
Notes:
1. Size:
58 x 120 x 42 (mm)
2. Connectors:
AC input : IEC 320 C8
DC output : Power Jack
3. Box Color : Black
4. Packing:
Net weight: 300 g approx. / unit
Gross weight: 16.5 kg approx. / carton, 48 units / carton
Carton size (mm): 549 (L) x 490 (W) x 241 (H)
58 x 120 x 42 (mm)
120.0 (4.73")
58.0 (2.29")
42.0
(1.66")
or
Inlet
Peak load (1.3 ~ 1.5 x rated current, Vo=rated for 5 sec)
Design for BF application
DoE Level VI Eco-design
With ITE and Medical safety
Safety class I / II and EMI class B
-20oC to +60oC operating temperature
5,000m operation altitude
Applications:
For DoE EPS level VI energy saving application, such
as electronics and office equipment.
For EMI class B application, such as home healthcare
device, monitors and other medical devices.
For peak load application, such as motor drive, coffee
machine, vending machine, gaming machine, monitors
and other industrials.
10 years Warranty (contact Skynet's Distributors for details)


Similar Part No. - SNP-AF47

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-AF6 SKYNET-SNP-AF6 Datasheet
531Kb / 4P
Medical & ITE Switching Adapter
SNP-AF67 SKYNET-SNP-AF67 Datasheet
531Kb / 4P
Medical & ITE Switching Adapter
SNP-AF69 SKYNET-SNP-AF69 Datasheet
531Kb / 4P
Medical & ITE Switching Adapter
SNP-AF8 SKYNET-SNP-AF8 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
SNP-AF87-3 SKYNET-SNP-AF87-3 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
More results

Similar Description - SNP-AF47

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
logo
Arch Electronics Corp.
MQF240E ARCH-MQF240E_18 Datasheet
313Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240O ARCH-MQF240O_18 Datasheet
344Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF240U ARCH-MQF240U_18 Datasheet
386Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500E ARCH-MQF500E_18 Datasheet
294Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500O ARCH-MQF500O_18 Datasheet
332Kb / 5P
AC-DC ITE & Medical Switching Power Supply
MQF500U ARCH-MQF500U_18 Datasheet
335Kb / 5P
AC-DC ITE & Medical Switching Power Supply
logo
Skynet Electronic Copyr...
SNP-AF6 SKYNET-SNP-AF6 Datasheet
531Kb / 4P
Medical & ITE Switching Adapter
SNP-AF8 SKYNET-SNP-AF8 Datasheet
602Kb / 4P
Medical & ITE Switching Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com