Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-AF47 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-AF47
Description  Medical & ITE Switching Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-AF47 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-AF47 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-AF47 Datasheet HTML 2Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
2-2
NOV. 2016
-Jim-
Rated
40W
Peak
60W
SNP-AF4 Series
Medical & ITE
Switching Adapter
Output Specifications:
Output Specifications:
1. Output Load:
Rated 40W for convection cooling.
2. Peak Load Duration:
Peak 60W can last for 5 sec. especially suitable for motor starting.
3. At peak load, the output can last for 5 seconds without shut down.
4. At factory, in 60% rated load condition, each output is checked to be within voltage accuracy.
5. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
6. Load regulation is defined by changing ±40% of measured output load from 60% rated load.
7. Ripple & noise is measured by using 20MHz bandwidth limited oscilloscope and terminated each output with a 0.47uF capacitor at rated load and nominal
line.
8. Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit of main output at rated load
and nominal line.
9. Efficiency is measured at rated load, and nominal line.
Note:
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVERAGE
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
@ 25% LOAD @ 50% LOAD @75% LOAD @ 100% LOAD
EFFICIENCY.
SNP-AF47
+12V
0A
3.7A
4.8A
+11.9V~+12.1V
TBD
TBD
TBD
TBD
> 89
SNP-AF49
+24V
0A
1.9A
2.5A
+23.8V~+24.2V
TBD
TBD
TBD
TBD
> 89%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com