Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-AX40 Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-AX40
Description  Industrial PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-AX40 Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-AX40 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-AX40 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-AX40 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-AX40 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Industrial PC
NOV. 2016
-Jim-
AC to DC, 400W
SNP-AX40
4-1
General Specifications:
Mechanical Specifications:
Notes:
1. Size:
5.51" x 5.91" x 3.39"
2. AC Connector:
AC inlet: Meet IEC 320/CEE 22 standard
AC outlet: Meet IEC 320 (Reverse type)
3. DC Connector::
ATX main power: Molex 39-01-2200 or equivalent
Auxiliary power : Burndy GTC6P-1 or equivalent
Disk driver
: AMP 1-480424-0 or equivalent
Floppy driver : AMP 171822-4 or equivalent
+12V power
: Molex 39-01-2040 or equivalent
4. Packing:
Net weight: 2040 g approx. / unit
Gross weight: 18.5 kg approx. / carton, 8 units / carton
Carton size (mm): 530 (L) x 530 (W) x 270 (H)
Cooling ...................................................... forced air convection
Hold up time .............................20ms at rated load and 115VAC
Storage temperature ........................................... -40oC to +75oC
Humidity ........................................... up to 95% non condensing
EMI radiation.........................................FCC "B", EN55022 "B"
EMS ...........................................EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ................................................................. meet UL 60950
CSA C22.2 No. 60950, EN60950-1
Input voltage ................................................ 90VAC to 264VAC
Efficiency .................................................... > 75% at rated load
Short circuit protection .................................................... hiccup
Over voltage protection .................................................latch off
Operating temperature .... 0oC to 70oC, derating: 2% / oC > 50oC
Inrush current ................................................. < 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Features:
SNP-AX40
●
Efficiency > 75%
●
PFC > 0.95 meet EN61000-3-2 class "D"
●
-20oC can start up
●
PS2 size mounting
●
Meet UL, CSA, and TUV safety
Applications:
●
For industrial PC, work stations and equivalent
systems
5.51" x 5.91" x 3.39"
ORANGE
RED
YELLOW
BLUE
GREY
WHITE
BLACK
PURPLE
GREEN
Wire Color
Voltage
3.3V
5V
12V
-12V
P.G.
-5V
GND
+5Vsb
POWER ON
DCOUTPUTWIRES
3.5
4.0
4.2
20.0
110.0
144.0
150.0(5.91")
140.0
(5.51")
280±20
254±20
400±20
155±15
200±15
200±15
155±15
350±20
350±20
5.0
138.0
115.0
24.0
6.0
5.0
48.0
16.0
64.0
27.0
Tapping#6-32
x4
37.2 86.2
(3.39")
10 years Warranty (contact Skynet's Distributors for details)


Similar Part No. - SNP-AX40

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-A02 SKYNET-SNP-A02 Datasheet
314Kb / 4P
Switching Adapter
SNP-A026 SKYNET-SNP-A026 Datasheet
314Kb / 4P
Switching Adapter
SNP-A026-3 SKYNET-SNP-A026-3 Datasheet
314Kb / 4P
Switching Adapter
SNP-A026-M SKYNET-SNP-A026-M Datasheet
320Kb / 4P
Medical Adapter
SNP-A026-M3 SKYNET-SNP-A026-M3 Datasheet
320Kb / 4P
Medical Adapter
More results

Similar Description - SNP-AX40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEC-2250 ETC2-LEC-2250 Datasheet
205Kb / 2P
Fanless Industrial PC with Fanless Industrial PC with
LEC-3012 ETC2-LEC-3012 Datasheet
322Kb / 2P
Fanless Industrial PC with Fanless Industrial PC with
logo
Skynet Electronic Copyr...
D12-AX25 SKYNET-D12-AX25 Datasheet
302Kb / 4P
Industrial PC
logo
Weidmuller
2665810000 WEIDMULLER-2665810000 Datasheet
141Kb / 2P
Industrial PC, IP20
November 4, 2021
2676350000 WEIDMULLER-2676350000 Datasheet
144Kb / 2P
Industrial PC, IP20
November 4, 2021
2676370000 WEIDMULLER-2676370000 Datasheet
141Kb / 2P
Industrial PC, IP20
November 4, 2021
2676390000 WEIDMULLER-2676390000 Datasheet
142Kb / 3P
Industrial PC, IP20
November 4, 2021
2676400000 WEIDMULLER-2676400000 Datasheet
142Kb / 3P
Industrial PC, IP20
November 4, 2021
2676410000 WEIDMULLER-2676410000 Datasheet
142Kb / 3P
Industrial PC, IP20
November 4, 2021
2763410000 WEIDMULLER-2763410000 Datasheet
135Kb / 2P
Industrial PC, IP20
November 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com