Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-AX40 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-AX40
Description  Industrial PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-AX40 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-AX40 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-AX40 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-AX40 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-AX40 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
Industrial PC
4-2
-Jim-
AC to DC, 400W
SNP-AX40
NOV. 2016
+5V
2A
30A
40A
+4.8V~+5.2V
50mV
±1%
±5%
+12V
0.2A
12A
15A
+11.4V~+12.6V
120mV
±1%
±5%
SNP-AX40
-12V
0A
1A
-11.4V~-12.6V
120mV
±1%
±5%
75%
-5V
0A 0.5A
-4.75V~-5.25V
50mV
±1%
±5%
+3.3V
1A
25A
30A
+3.14V~+3.47V
50mV
±1%
±5%
+5Vsb
0A
2A
+4.75V~+5.25V
50mV
±1%
±5%
Output Specifications:
Notes:
1.
Each output can provide up to max. load separately when the power supply starts up. To exceed the max. output power
continuously is not allowed.
2. At factory, all outputs in 60% rated load condition, each output is checked to be within the accuracy range.
3. Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
4. Load regulation is defined by changing ±40% of measured output load from 60% rated load at another output set to 60% rated load.
5. Ripple & noise is measured by using 15MHz bandwidth limited oscilloscope and terminated each output with a 0.47µF capacitor at
rated load and nominal line.
6.
Hold up time is measured from the end of the last charging pulse to the time which the main output drops down to low limit
of main output at rated load and nominal line.
7. Efficiency is measured at rated load and nominal line.
MODEL
OUTPUT
LOAD
VOLTAGE
RIPPLE
LINE
LOAD EFFICIENCY
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
NOISE
REG.
REG.
TYPICAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com