Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV-51001 Datasheet(PDF) 2 Page - Altera Corporation

Part # AV-51001
Description  Arria V Device Overview
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

AV-51001 Datasheet(HTML) 2 Page - Altera Corporation

  AV-51001 Datasheet HTML 1Page - Altera Corporation AV-51001 Datasheet HTML 2Page - Altera Corporation AV-51001 Datasheet HTML 3Page - Altera Corporation AV-51001 Datasheet HTML 4Page - Altera Corporation AV-51001 Datasheet HTML 5Page - Altera Corporation AV-51001 Datasheet HTML 6Page - Altera Corporation AV-51001 Datasheet HTML 7Page - Altera Corporation AV-51001 Datasheet HTML 8Page - Altera Corporation AV-51001 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Advantage
Supporting Feature
Lowest system cost
• Requires as few as four power supplies to operate
• Available in thermal composite flip chip ball-grid array (BGA) packaging
• Includes innovative features such as Configuration via Protocol (CvP),
partial reconfiguration, and design security
Summary of Arria V Features
Table 2: Summary of Features for Arria V Devices
Feature
Description
Technology
• TSMC's 28-nm process technology:
• Arria V GX, GT, SX, and ST—28-nm low power (28LP) process
• Arria V GZ—28-nm high performance (28HP) process
• Lowest static power in its class (less than 1.2 W for 500K logic elements (LEs) at
85°C junction under typical conditions)
• 0.85 V, 1.1 V, or 1.15 V core nominal voltage
Packaging
• Thermal composite flip chip BGA packaging
• Multiple device densities with identical package footprints for seamless migration
between different device densities
• Leaded(1), lead-free (Pb-free), and RoHS-compliant options
High-performance
FPGA fabric
• Enhanced 8-input ALM with four registers
• Improved routing architecture to reduce congestion and improve compilation time
Internal memory
blocks
• M10K—10-kilobits (Kb) memory blocks with soft error correction code (ECC)
( Arria V GX, GT, SX, and ST devices only)
• M20K—20-Kb memory blocks with hard ECC ( Arria V GZ devices only)
• Memory logic array block (MLAB)-640-bit distributed LUTRAM where you can
use up to 50% of the ALMs as MLAB memory
(1)
Contact Altera for availability.
2
Summary of Arria V Features
AV-51001
2015.01.23
Altera Corporation
Arria V Device Overview
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com