Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AV-51001 Datasheet(PDF) 21 Page - Altera Corporation

Part # AV-51001
Description  Arria V Device Overview
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

AV-51001 Datasheet(HTML) 21 Page - Altera Corporation

Back Button AV-51001 Datasheet HTML 17Page - Altera Corporation AV-51001 Datasheet HTML 18Page - Altera Corporation AV-51001 Datasheet HTML 19Page - Altera Corporation AV-51001 Datasheet HTML 20Page - Altera Corporation AV-51001 Datasheet HTML 21Page - Altera Corporation AV-51001 Datasheet HTML 22Page - Altera Corporation AV-51001 Datasheet HTML 23Page - Altera Corporation AV-51001 Datasheet HTML 24Page - Altera Corporation AV-51001 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Variant
Membe
r Code
M20K
M10K
MLAB
Total RAM Bit
(Kb)
Block
RAM Bit
(Kb)
Block
RAM Bit
(Kb)
Block
RAM Bit
(Kb)
Arria V ST
D3
—
—
1,729
17,290
3223
2,014
19,304
D5
—
—
2,282
22,820
4253
2,658
25,478
Embedded Memory Configurations
Table 17: Supported Embedded Memory Block Configurations for Arria V Devices
This table lists the maximum configurations supported for the embedded memory blocks. The information is
applicable only to the single-port RAM and ROM modes.
Memory Block
Depth (bits)
Programmable Width
MLAB
32
x16, x18, or x20
64(11)
x10
M20K
512
x40
1K
x20
2K
x10
4K
x5
8K
x2
16K
x1
M10K
256
x40 or x32
512
x20 or x16
1K
x10 or x8
2K
x5 or x4
4K
x2
8K
x1
Clock Networks and PLL Clock Sources
650 MHz Arria V devices have 16 global clock networks capable of up to operation. The clock network
architecture is based on Altera's global, quadrant, and peripheral clock structure. This clock structure is
supported by dedicated clock input pins and fractional PLLs.
Note: To reduce power consumption, the Quartus II software identifies all unused sections of the clock
network and powers them down.
(11)
Available for Arria V GZ devices only.
AV-51001
2015.01.23
Embedded Memory Configurations
21
Arria V Device Overview
Altera Corporation
Send Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com