Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-G167 Datasheet(PDF) 4 Page - Skynet Electronic Copyright

Part # SNP-G167
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-G167 Datasheet(HTML) 4 Page - Skynet Electronic Copyright

  SNP-G167 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-G167 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-G167 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-G167 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-4
DEC. 2017
-Jim-
Rated
160W
Max.
240W
Peak
320W
SNP-G16 Series
Medical & ITE
General Purpose
7. +12V step response
8. Peak load
9. FCC B
10. EN55022 B
+12V
200mV/div, 2ms/div
+12V step from 3.99A to 13.3A
+12V/26.6A
5.0V/div, 2s/div
11. Power derating curve
12. Capability for driving motor
●
●
●
●
●
2V(5V)
2.5V(8V)
8V(11V)
9V(14V)
9.3V(18V)
12V/44A
(
24V/22A)
12V/41A
(
24V/20A)
12V/38A
(
24V/19.3A)
12V/36.7A
(
24V/18A)
12V/34.6A
(
24V/17.3A)
0
20 35
70
110
200 (ms)
Operation time (ms)
SNP-G167
(SNP-G169)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com