Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNP-G167 Datasheet(PDF) 2 Page - Skynet Electronic Copyright

Part # SNP-G167
Description  Medical & ITE General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-G167 Datasheet(HTML) 2 Page - Skynet Electronic Copyright

  SNP-G167 Datasheet HTML 1Page - Skynet Electronic Copyright SNP-G167 Datasheet HTML 2Page - Skynet Electronic Copyright SNP-G167 Datasheet HTML 3Page - Skynet Electronic Copyright SNP-G167 Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
** This data sheet is only for models selection. For business, engineering specification by model must be used.
4-2
DEC. 2017
-Jim-
Rated
160W
Max.
240W
Peak
320W
SNP-G16 Series
Medical & ITE
General Purpose
Output Specifications:
MODEL
OUTPUT
LOAD
INITIAL
STEP EFFICIENCY
AVERAGE
NO.
RAIL
MIN. RATED MAX. PEAK
ACCURACY
@ 20% LOAD @ 50% LOAD @ 100% LOAD EFFICIENCY
Note:
1. Standby Power Cosumption with System:
For computers and displays, ENERGY STAR in U.S. and ErP regulation in Europe require the input power should be less than 0.5W at standby mode.
2. Output Load:
160W for convection cooling; 240W for forced air cooling.
3. Peak Load Duration:
Peak 320W can last for 5 sec.
4. Isolation Grade:
Primary
Ground
: 1MOPP (1500Vac)
Primary
Secondary : 2MOPP (4000Vac)
Secondary
Ground
: 1MOPP (1500Vac)
5. Leakage Current:
Earth leakage current < 300uA
Touch current < 100uA
6. EMI Grounding:
If there is a metal sheet under the power supply, connect the EMI ground to the metal sheet.
7. Model Selection:
Most of power supplies will create audible burst sound at light load, if the application wants to meet input power < 0.5W at standby mode.
SNP-G16x is for ITE application which requires standby mode.
SNP-G16x-A is for ITE application but without burst sound and no standby mode.
SNP-G16x-M is for medical application which requires standby mode.
SNP-G16x-MA is for medical application but without burst sound and no standby mode.
←
→
←
→
←
→
SNP-G167
SNP-G167 -A
+12V
0A 13.3A 20A 26.6A
+11.9V~+12.1V
80%
88%
89%
85.5%
SNP-G167 -M
SNP-G167 -MA
SNP-G168
SNP-G168 -A
+15V
0A 10.66A 16A 21.3A
+14.9V~+15.1V
80%
88%
89%
85.5%
SNP-G168 -M
SNP-G168 -MA
SNP-G165
SNP-G165 -A
+18V
0A 8.88A 13.33A 17.8A
+17.9V~+18.1V
80%
88%
89%
85.6%
SNP-G165 -M
SNP-G165 -MA
SNP-G169
SNP-G169 -A
+24V
0A 6.66A 10A 13.3A
+23.9V~+24.1V
80%
87%
89%
85.3%
SNP-G169 -M
SNP-G169 -MA
SNP-G16G
SNP-G16G-A
+28V
0A
5.7A 8.55A 11.4A
+27.9V~+28.1V
80%
90%
90%
86.6%
SNP-G16G-M
SNP-G16G-MA
SNP-G16J
SNP-G16J -A
+36V
0A 4.45A 6.66A 8.9A
+35.8V~+36.2V
80%
89%
89%
86%
SNP-G16J -M
SNP-G16J -MA
SNP-G16T
SNP-G16T-A
+48V
0A 3.35A
5A 6.67A
+47.8V~+48.2V
90%
90%
89%
86.6%
SNP-G16T-M
SNP-G16T-MA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com