Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC768 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P87LPC768
Description  Low Power, Low System Cost 80C51 MCU with ADC and PWM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768 Datasheet(HTML) 1 Page - NXP Semiconductors

  P87LPC768 Datasheet HTML 1Page - NXP Semiconductors P87LPC768 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features
•
4-channel Pulse Width Modulator (PWM) generator
— Configurable resolution 1 – 10 bits
•
4-channel, 8-bit Analog-to-Digital Converter
— 9.3 microseconds conversion time at 20 MHz
— 100% accelerated C51 CPU core runs at 6 clocks
per instruction
•
20 MHz maximum operating frequency 4.5 – 6.0V and
10 MHz maximum operating frequency 2.7 – 6.0V
•
Configurable brownout reset detector
•
On-chip serial communications interfaces
— UART
— I2C
•
Five I/O pin modes, individually selectable for each pin
— Quasi bi-directional
— Push-pull output
— Open drain output
— Input
— Schmitt trigger input
•
Up to 18 pins usable for general purpose I/O
Low Power, Low System Cost
80C51 MCU with ADC and PWM
P87LPC768
As a member of the 51LPC microcontroller family, the 87LPC768
offers an 8-bit ADC with four multiplexed channels and an 8-bit
Pulse Width Modulator (PWM.) Further, the device provides 4K
of OTP code memory and 128 bytes of data SRAM, making it
suitable for high-level programming. The code memory is In-System
Programmable (ISP) through a serial interface. Other embedded
features that reduce the need for external components are brownout
detection, power-on reset and an on-chip RC oscillator that is very
stable over temperature and voltage.
The MCU core is fully compatible with the industry-standard C51
core, but features a 2X speed mode, where the CPU clock is divided
by 6 instead of 12. At 20 MHz, the 51LPC family devices provide
a throughput identical to a conventional C51 running at 40 MHz,
thus minimizing EMI and power consumption. The 87LPC768 is
manufactured in Philips Semiconductor’s low-power CMOS tech-
nology and is well suited for use in battery powered applications.
At 32kHz, the device consumes only 16µA and the operating volt-
age ranges from 2.7 – 6.0V (3.0 – 6.0V for analog peripherals). A
fixed-frequency oscillator running at 6 MHz can be used to clock
the device in applications that do not require the high accuracy of
a crystal. Regardless of the clock source used, the user can reduce
operating frequency down to as much 1/512 of the source frequen-
cy, allowing the user to optimize performance and power consump-
tion on-the-fly. Use of the on-chip power-on reset and oscillator
makes up to 18 I/O pins available to the user, leaving only two
non-I/O pins for connection to power and ground.
Because the P87LPC768 combines an embedded ADC and PWM,
it is especially useful in applications that include dynamic position-
ing, speed and temperature control. The PWM provides very
high flexibility since the output resolution can be configured to
any number of bits up to 10.
The device comes with extensive serial communication capabilities.
On-chip UART provides serial communications for RS-232 and
RS-485. The I2C interface provides interface to other I2C units
such as serial EEPROMs, other MCUs and a variety of peripheral
devices. These communications interfaced in combination with
the analog capabilities makes the 87LPC768 ideal for a variety of
sensor applications.
The P87LPC768 is available in 20-pin SOIC and PDIP packages
Ordering Information
Part Number
Temperature (C)
Package Description
Operating Frequency
P87LPC768BN
0 to +70
Plastic Dual In-Line [PDIP20]
All devices operate at
P87LPC768BD
0 to +70
Plastic Small Outline [SOIC20]
20MHz @ 4.5 to 6.0V
P87LPC768FN
–40 to +85
Plastic Dual In-Line [PDIP20]
10MHz @ 2.7 to 6.0V
P87LPC768FD
–40 to +85
Plastic Small Outline [SOIC20]


Similar Part No. - P87LPC768

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87LPC768 PHILIPS-P87LPC768 Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
P87LPC768BD PHILIPS-P87LPC768BD Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
P87LPC768BN PHILIPS-P87LPC768BN Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
P87LPC768FD PHILIPS-P87LPC768FD Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
P87LPC768FN PHILIPS-P87LPC768FN Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
More results

Similar Description - P87LPC768

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC2510FX ETC1-CC2510FX Datasheet
1Mb / 253P
True System-on-Chip with Low Power RF Transceiver and 8051 MCU
logo
Analog Devices
AD8137 AD-AD8137 Datasheet
815Kb / 24P
Low Cost, Low Power 12-Bit Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
Low Cost USB Microcontroller with Hub, ADC and PWM
AT43USB353M ATMEL-AT43USB353M_04 Datasheet
593Kb / 95P
Low Cost Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
List of Unclassifed Man...
CR6853 ETC1-CR6853 Datasheet
166Kb / 11P
Novel Low Cost Green-Power PWM Controller With Low EMI Technique
logo
Microchip Technology
SAM-D21 MICROCHIP-SAM-D21 Datasheet
9Mb / 1148P
Low-Power, 32-bit Cortex-M0 MCU with Advanced Analog and PWM
2021
logo
List of Unclassifed Man...
BIT3251 ETC-BIT3251 Datasheet
154Kb / 7P
Low Cost PWM Controller
Version: A0 2006/7/7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com