Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC12X2 Datasheet(PDF) 29 Page - Microchip Technology

Part # DSC12X2
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X2 Datasheet(HTML) 29 Page - Microchip Technology

Back Button DSC12X2 Datasheet HTML 24Page - Microchip Technology DSC12X2 Datasheet HTML 25Page - Microchip Technology DSC12X2 Datasheet HTML 26Page - Microchip Technology DSC12X2 Datasheet HTML 27Page - Microchip Technology DSC12X2 Datasheet HTML 28Page - Microchip Technology DSC12X2 Datasheet HTML 29Page - Microchip Technology DSC12X2 Datasheet HTML 30Page - Microchip Technology DSC12X2 Datasheet HTML 31Page - Microchip Technology DSC12X2 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006011A-page 29
DSC12X2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) DSC1202NE1-25M00000T: Pin 1 STDBY with
Pull-up, LVPECL Output, 7x5 VDFN,
–20°C to +70°C, ±50 ppm, 25 MHz Output
Frequency, 1,000/Reel
b) DSC1243CL3-C0013: Pin 2 Frequency Select
with Pull-up, LVDS Output, 3.2x2.5 VDFN,
–40°C to +105°C, ±20 ppm, Multiple Output
Frequency, Bulk
c) DSC1224BI2-19M50000B: Pin 1 OE with Pull-up,
HCSL Output, 5x3.2 CDFN, –40°C to +85°C,
±25 ppm, 19.5 MHz Output Frequency,
3,000/Reel
d) DSC1232DL3-55M82000T: Pin 2 STDBY with
Pull-up, LVPECL Output, 2.5x2 VDFN,
–40°C to +105°C, ±20 ppm, 55.82 MHz Output
Frequency, 1,000/Reel
e) DSC1213NI1-C0014B: Pin 1 Frequency Select
with Pull-up, LVDS Output, 7x5 VDFN,
–40°C to +85°C, ±50 ppm, Multiple Output
Frequency, 3,000/Reel
PART NO.
X
X
Media
Package
Device
Device:
DSC12:
High Performance Differential MEMS
Oscillators
Control Pin:
0
=
Pin 1 STDBY with Pull-up
1
=
Pin 1 Frequency Select with Pull-up
2
=
Pin 1 OE with Pull-up
3
=
Pin 2 STDBY with Pull-up
4
=
Pin 2 Frequency Select with Pull-up
5
=
Pin 2 OE with Pull-up
Output Format:
2
=
LVPECL
3=
LVDS
4
=
HCSL
Package:
N
=
7 mm x 5 mm 6-Lead VDFN
B
=
5 mm x 3.2 mm 6-Lead CDFN
C
=
3.2 mm x 2.5 mm 6-Lead VDFN
D
=
2.5 mm x 2 mm 6-Lead VDFN
Temperature:
A
=
–40°C to +125°C(Available on certain options)
L
=
–40°C to +105°C
I
=
–40°C to +85°C
E
=
–20°C to +70°C
Frequency
Stability:
1=
±50 ppm
2=
±25 ppm
3=
±20 ppm
Output Frequency: xMxxxxxx= <10 MHz
xxMxxxxx= <100 MHz
xxxMxxxx= >100 MHz
CCCCC=
with Frequency Select
PROG =
TimeFlash
Media Type:
<blank>=
Bulk
T
=
1,000/Reel
B
=
3,000/Reel
X
Control
Pin
X
Output
Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
Format
X
Temperature
X
Freq. Stability
-XXXXXXXX
Output Frequency
Please visit the Microchip ClockWorks Configurator® website to
configure the part number for customized frequency select settings.
http://clockworks.microchip.com/timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com