Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC12X2 Datasheet(PDF) 3 Page - Microchip Technology

Part # DSC12X2
Description  High Performance Differential MEMS Oscillators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC12X2 Datasheet(HTML) 3 Page - Microchip Technology

  DSC12X2 Datasheet HTML 1Page - Microchip Technology DSC12X2 Datasheet HTML 2Page - Microchip Technology DSC12X2 Datasheet HTML 3Page - Microchip Technology DSC12X2 Datasheet HTML 4Page - Microchip Technology DSC12X2 Datasheet HTML 5Page - Microchip Technology DSC12X2 Datasheet HTML 6Page - Microchip Technology DSC12X2 Datasheet HTML 7Page - Microchip Technology DSC12X2 Datasheet HTML 8Page - Microchip Technology DSC12X2 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2019 Microchip Technology Inc.
DS20006011A-page 3
DSC12X2/3/4
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage .......................................................................................................................................... –0.3V to +4.0V
Input Voltage .....................................................................................................................................–0.3V to VDD + 0.3V
ESD Protection (HBM) ............................................................................................................................................... 4 kV
ESD Protection (MM) ................................................................................................................................................400V
ESD Protection (CDM) ............................................................................................................................................ 1.5 kV
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational sections of this specification is not intended. Exposure to maximum rating conditions for extended
periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VDD = 2.5V ±10% or 3.3V±10%; TA = –40°C to +105°C, unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage
VDD
2.25
—
3.63
V
Note 1
Supply Current
IDD
—50—
mA
LVPECL, fOUT = 100 MHz
—32—
LVDS, fOUT = 100 MHz
—
40
—
HCSL, fOUT = 100 MHz
—23
—
Output disabled (tri-state),
fOUT = 100 MHz
Standby Current
ISTDBY_
—2.5
5
µA
Input pin = STDBY = Asserted
(VDD = 3.3V)
Frequency Stability
∆f
——
±20
ppm
Includes frequency variations due
to initial tolerance, temp., and
power supply voltage
——
±25
——
±50
Startup Time
tSU
—5.5
6
ms
From 90% VDD to valid clock
output, T = +25°C, Note 2
Input Logic Levels
VIH
0.75 x
VDD
——
V
Input logic high
VIL
——
0.25 x
VDD
Input logic low
Output Disable Time
tDA
—
—
25
ns
Note 3
Output Enable Time
tEN
——
6
ms
STDBY
——
350
ns
OE
Enable Pull-Up Resistor
—
—
1.5
—
MΩ
Pull-up resistor on pin 1, Note 4
LVPECL (DSC12x2)
Frequency
f0
2.5
—
450
MHz
—
Output Logic Levels
VOH
VDD –
1.145
——
VRL = 50Ω
VOL
——
VDD –
1.695
Peak-to-Peak Output Swing
VPP
—
800
—
mV
Single-Ended
Output Transition Time
tR
—200
250
ps
20% to 80%, RL = 50Ω
tF
—250
300
Output Duty Cycle
SYM
48
—
52
%
Differential
Period Jitter RMS
JPER
—2.0
—
ps
f0 = 156.25 MHz, 10k cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com