Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD177 Datasheet(PDF) 10 Page - Custom MMIC Design Services, Inc.

Part # CMD177
Description  6-14 GHz Fundamental Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD177 Datasheet(HTML) 10 Page - Custom MMIC Design Services, Inc.

Back Button CMD177 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 10Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 11Page - Custom MMIC Design Services, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.1 0717
Pin Description
CMD177
6-14 GHz Fundamental Mixer
Pin
Function
Description
Schematic
1
LO
This pin is DC coupled and matched to 50
ohms.
2
RF
This pin is DC coupled and matched to 50
ohms.
3
IF
This pin is DC coupled. For applications
not requiring operation to DC, this port
should be DC blocked externally using a
series capacitor whose value has been
chosen to pass the necessary IF frequency
range. For operation to DC, this pin must
not source or sink more than 16 mA of
current or part non-function or part failure
may result.
Backside
Ground
Connect to RF / DC ground.
Pad Diagram
Functional Description
RF in
RF out
GND
Vdd
Vgg
Vdd
Vgg
Vdd
1
2
3
4
For CMD146
RF in
LFT1
LFT2
RF out & Vdd
LFT3
LFT4
3 bit
4 dB
4 dB
45 deg
45 deg
Vgg
Vdd
Vgg
Vdd
Vdd
Vdd
Vdd (+)
Vgg (-)
RF in
RF out
Port B
Port A
Vctl
5
4 bit
Vctl
Vctl
RF
V
dd
out
RF
in
LO
RF
RF in
RF out
GND
Vdd
Vgg
Vdd
Vgg
Vdd
1
2
3
4
For CMD146
RF in
LFT1
LFT2
RF out & Vdd
LFT3
LFT4
3 bit
4 dB
4 dB
45 deg
45 deg
Vgg
Vdd
Vgg
Vdd
Vdd
Vdd
Vdd (+)
Vgg (-)
RF in
RF out
Port B
Port A
Vctl
5
4 bit
Vctl
RF
V
dd
out
RF
in
Vgg
GB
LO
RF
IF
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com