Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD177 Datasheet(PDF) 2 Page - Custom MMIC Design Services, Inc.

Part # CMD177
Description  6-14 GHz Fundamental Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MMIC [Custom MMIC Design Services, Inc.]
Direct Link  https://www.custommmic.com/
Logo MMIC - Custom MMIC Design Services, Inc.

CMD177 Datasheet(HTML) 2 Page - Custom MMIC Design Services, Inc.

  CMD177 Datasheet HTML 1Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 2Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 3Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 4Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 5Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 6Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 7Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 8Page - Custom MMIC Design Services, Inc. CMD177 Datasheet HTML 9Page - Custom MMIC Design Services, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD177
6-14 GHz Fundamental Mixer
Specifications
Absolute Maximum Ratings
Electrical Specifications – IF = 100 MHz, LO = +13 dBm, TA = 25 oC
Parameter
Rating
RF / IF Input Power
+25 dBm
LO Drive
+25 dBm
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Thermal resistance,  JC
331.4 ºC / W
Operation of this device outside the maximum
ratings may cause permanent damage.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, RF & LO
8 – 12
6 – 14
GHz
Frequency Range, IF
DC
5
DC
5
GHz
Conversion Loss
6.5
8
7
10
dB
Noise Figure (SSB)
6.5
8
7
10
dB
LO to RF Isolation
37
43
34
43
dB
LO to IF Isolation
28
37
28
37
dB
RF to IF Isolation
15
22
12
22
dB
Input P1dB
9.5
9.5
dBm
Input IP3
16
16
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
ver 1.1 0717



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com