Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200213 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part # 05200213
Description  Humidity/temperature measuring instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200213 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

  05200213 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 4Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Moisture probe head via handle
with probe wire
testo 625 with radio handle and
radio module
testo 625 with attached probe
head
testo 625
Humidity/temperature measuring instrument
testo 625
testo 625 humidity/temperature measuring
instrument incl. plug-in humidity probe head,
battery and calibration protocol
Part no. 0563 6251
General technical data
Storage temperature
-40 to +85 °C
Operating temperature
-20 to +50 °C
Battery type
9V block battery, 6F22
Battery life
70 h (without radio operation)
Weight
195 g
Dimensions
182 x 64 x 40 mm
Housing material
ABS
Warranty
2 years
Sensor types
NTC
Testo humid. sensor, cap.
Meas. range
-10 to +60 °C
0 to +100 %RH
Accuracy ±1 digit
±0.5 °C
±2.5 %RH (+5 to +95 %RH)
Resolution
0.1 °C
0.1 %RH
Type K (NiCr-Ni)
(Radio probes)
-200 to +1370 °C
See probe data
0.1 °C
We measure it.
testo-625-P02
12.07.2013
07:58
Seite 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com