Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

05200213 Datasheet(PDF) 3 Page - Testo SE & Co. KGaA

Part # 05200213
Description  Humidity/temperature measuring instrument
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

05200213 Datasheet(HTML) 3 Page - Testo SE & Co. KGaA

  05200213 Datasheet HTML 1Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 2Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 3Page - Testo SE & Co. KGaA 05200213 Datasheet HTML 4Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0554 0189
0554 0191
Radio handle for plug-in probe heads, incl. T/C adapter, approval for the countries: DE, FR, UK, BE, NL, ES, IT, SE, AT,
DK, FI, HU, CZ, PL, GR, CH, PT, SI, MT, CY, SK, LU, EE, LT, IE, LV, NO; Radio freq. 869.85 MHz FSK
Radio handle for plug-in probe heads, incl. T/C adapter, approval for USA, CA, CL; Radio freq. 915.00 MHz FSK
Measuring rate
0.5 s or 10 s, adjustable on handle
Radio coverage
Up to 20 m (without obstructions)
Radio transmission
Unidirectional
Operating temperature
-20 to +50 °C
Storage temperature
-40 to +70 °C
Technical data Radio handle
Battery type
2 AAA micro batteries
Battery life
215 h (meas. rate 0.5 s)
6 months (meas. rate 10 s)
Radio handle for attachable humidity probe head (humidity
probe head included in delivery of testo 625)
testo 625
Accessories
Accessories for measuring instrument
Calibration Certificates
0430 9725
0520 0006
Handle for plug-in humidity probe head for connection to testo 625, probe cable included (length 120 cm)
ISO calibration certificate humidity, Calibration points 11.3 %RH and 75.3 %RH at +25 °C
0516 0210
0516 0221
0554 0660
0515 0028
0515 0025
0554 0025
0520 0013
Case for measuring instrument and probes
TopSafe, protects from impact and dirt
Control and adjustment set for Testo humidity probes, salt solution with 11.3% RH and
75.3% RH, incl. adapter for Testo humidity probes
Lithium battery button cell
9V rech. battery for instrument, instead of battery
Recharger for 9V rechargeable battery, for external recharging of 0515 0025 battery
ISO calibration certificate/humidity, saturated saline solutions: calibration point 11.3%RH
Part no.
0520 0083
ISO calibration certificate/humidity, saturated saline solutions, calibration point 75.3%RH
0520 0206
DAkkS calibration certificate/humidity, electronic hygrometers; calibration points 11.3%RH and 75.3%RH at +25°C
0520 0213
DAkkS calibration certificate/humidity, saturated saline solutions; calibration point 11.3%RH
0520 0283
DAkkS calibration certificate/humidity, saturated saline solutions; calibration point 75.3%RH
0554 0188
Radio module for measuring instrument, 869.85 MHz, approval for the countries: DE, FR, UK, BE, NL, ES, IT, SE, AT,
DK, FI, HU, CZ, PL, GR, CH, PT, SI, MT, CY, SK, LU, EE, LT, IE, LV, NO
0554 0190
Radio module for measuring instrument, 915.00 MHz FSK, approval for USA, CA, CL
Radio module for upgrading measuring instrument with radio option
We measure it.
testo-625-P03
12.07.2013
08:00
Seite 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com