Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5127XXX-RATIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT83C5127XXX-RATIM
Description  MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5127XXX-RATIM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT83C5127XXX-RATIM Datasheet HTML 1Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 2Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 3Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 4Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 5Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 6Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 7Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 8Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
7519A–SCR–04/05
1
Features
• Clock Controller
– 80C51 core with 6 clocks per instruction
– 8 MHz On-Chip Oscillator
– PLL for generating 96 MHz clock to supply CPU core, USB and Smart Card Interfaces
– Programmable CPU clock from 500 kHz / X1 to 48 MHz / X1
• Reset Controller
– Power On Reset (POR) feature avoiding an external reset capacitor
– Power Fail Detector (PFD)
– Watch-Dog Timer
• Power Management
– Two power saving modes: Idle and Power Down
– Four Power Down Wake-up Sources: Smart Card Detection, Keyboard Interrupt, USB
Resume, External Interrupt
– Input Voltage Range: 4.5V - 5.5V
– Core’s Power Consumption (Without Smart Card and USB):
•30 mA Maximum Operating Current @ 48 MHz / X1
•200
µA Maximum Power-down Current @ 5.5V
• Interrupt Controller
– up to 7 interrupt sources
– up to 4 Level Priority
• Memory Controller
– Internal Program memory: up to 16 Kbytes of ROM
– Internal Data Memory : 768 bytes including 256 bytes of data and 512 bytes of XRAM
• Two 16-bit Timer/Counters
• USB 2.0 Full Speed Interface
– 48 MHz DPLL
– On-Chip 3.3V USB voltage regulator and transceivers
– Software detach feature
– 7 endpoints programmable with In or out directions and ISO, Bulk or Interrupt Transfers :
•Endpoint 0: 32 Bytes Bidirectionnal FIFO for Control transfers
•Endpoints 1,2,3: 8 bytes FIFO
•Endpoints 4,5: 64 Bytes FIFO
•Endpoint 6: 2*64 bytes FIFO with Pin-Pong feature
• ISO 7816 UART Interface Fully Compliant with EMV2000, GIE-CB and WHQL Standards
– Programmable ISO clock from 1 MHz to 4.8 MHz
– Card insertion/removal detection with automatic deactivation sequence
– Programmable Baud Rate Generator from 372 to 11.625 clock pulses
– Synchronous/Asynchronous Protocols T=0 and T=1 with Direct or Inverse Convention
– Automatic character repetition on parity errors
– 32 Bit Waiting Time Counter
– 16 Bit Guard Time Counter
– Internal Step Up/Down Converter with Programmable Voltage Output:
•1.8V-30mA, 3V-50mA and 5V-60mA
– Current overload protection
– 6 kV ESD (MIL/STD 833 Class 3) protection on whole Smart Card Interface
• Alternate Smart Card Interface with CLK, IO and RST
• UART Interface with Integrated Baud Rate Generator (BRG)
• Four 12 I/O bit Ports
– Up to four LED outputs with 3 level programmable current source: 2, 4 and 10 mA
– Two General Purpose I/O programmable as external interrupts
• Packages
– VQFP32, QFN32, Die
C51
Microcontroller
with USB and
Smart Card
Reader
Interfaces
AT83C5127
Summary
For detailed functional description,
please refer to the AT8xC5122/23
datasheet.


Similar Part No. - AT83C5127XXX-RATIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT83C5121 ATMEL-AT83C5121 Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-ICRUL ATMEL-AT83C5121XXX-ICRUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-ICSUL ATMEL-AT83C5121XXX-ICSUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-PURUL ATMEL-AT83C5121XXX-PURUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
AT83C5121XXX-PUTUL ATMEL-AT83C5121XXX-PUTUL Datasheet
839Kb / 115P
8-bit Microcontroller with Multiprotocol Smart Card Interface
More results

Similar Description - AT83C5127XXX-RATIM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8031 PHILIPS-TDA8031 Datasheet
228Kb / 57P
USB smart card reader (OTP or ROM)
2003 Jul 04
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
List of Unclassifed Man...
AU9520 ETC-AU9520 Datasheet
571Kb / 19P
USB Smart Card Reader Controller Technical Reference Manual
AU9510F ETC2-AU9510F_05 Datasheet
202Kb / 17P
USB Smart Card Reader Controller
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
USB Smart Card Reader Controller
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
USB Smart Card Reader Controller
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
Microchip Technology
SEC1110 MICROCHIP-SEC1110 Datasheet
2Mb / 218P
Smart Card Bridge to USB and UART Interfaces
06/23/16
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
USB Smart Card Reader
ST-1144 CHERRY-ST-1144 Datasheet
179Kb / 2P
High performance USB smart card reader
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com