Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5127XXX-RATIM Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT83C5127XXX-RATIM
Description  MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5127XXX-RATIM Datasheet(HTML) 6 Page - ATMEL Corporation

  AT83C5127XXX-RATIM Datasheet HTML 1Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 2Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 3Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 4Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 5Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 6Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 7Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 8Page - ATMEL Corporation AT83C5127XXX-RATIM Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7
7519A–SCR–04/05
AT83C5127
Ordering
Information
Part Number
Memory Size
(bytes)
Supply
Voltage (V)
Temperature
Range
Max Frequency
(MHz)
Package
Packing
Lead free/ RoHS
Part Number
AT83C5127xxx-RATIM
16K ROM
4.5 - 5.5
Industrial
48 MHz / X1
LQFP32
Tray
AT83C5127xxx-RATUM
AT83C5127xxx-RARIM
16K ROM
4.5 - 5.5
Industrial
48 MHz / X1
LQFP32
Tape & Reel
AT83C5127xxx-RARUM
AT83C5127xxx-PUTIM
16K ROM
4.5 - 5.5
Industrial
48 MHz / X1
QFN32
Tray
AT83C5127xxx-PUTUM
AT83C5127xxx-PURIM
16K ROM
4.5 - 5.5
Industrial
48 MHz / X1
QFN32
Tape & Reel
AT83C5127xxx-PURUM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com