Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5127XXX-RARIM Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT83C5127XXX-RARIM
Description  MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5127XXX-RARIM Datasheet(HTML) 4 Page - ATMEL Corporation

  AT83C5127XXX-RARIM Datasheet HTML 1Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 2Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 3Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 4Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 5Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 6Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 7Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 8Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
AT83C5127
7519A–SCR–04/05
Pin Description
Table 1. Pin Description
Port
Internal
Power
Supply ESD
I/O
Reset
Level
Alt
Reset
Config
Conf 1
Conf 2
Conf 3
Led
CIO
32
32
CVCC
6KV
I/O
0
CIO
Port51
CVCC inactive at reset.
ESD tested with a 10µF on CVCC
CC4
3
3
CVCC
6KV
I/O
0
CC8
Port51
CVCC inactive at reset
ESD tested with a 10µF on CVCC
P1.2
2
2
VCC
2KV
I/O
1
CPRES
Port51
Weak & medium pull-up can be
disconnected
CC4
5
5
CVCC
6KV
I/O
0
CC4
Port51
CVCC inactive at reset
ESD tested with a 10µF on CVCC
CCLK
6
6
CVCC
6KV
O
0
CCLK
Push-pull
CVCC inactive at reset
ESD tested with a 10µF on CVCC
CRST
4
4
CVCC
6KV
O
0
CRST
Push-pull
CVCC inactive at reset
ESD tested with a 10µF on CVCC
P1.6
23
23
VCC
2KV
I/O
1
Port51
P1.7
31
31
VCC
2KV
I/O
1
CCLK1
Port51
P3.0
22
22
VCC
2KV
I/O
1
RxD
Port51
Push-pull
P3.1
24
24
VCC
2KV
I/O
1
TxD
Port51
Push-pull
P3.2
20
20
VCC
2KV
I/O
1
INT0
Port51
LED0
P3.3
19
19
VCC
2KV
I/O
1
INT1
Port51
Push-pull
P3.4
18
18
VCC
2KV
I/O
1
T0
Port51
Push-pull
LED1
P3.5
21
21
VCC
2KV
I/O
1
T1
Port51
P3.6
17
17
VCC
2KV
I/O
1
Port51
LED2
P3.7
13
13
VCC
2KV
I/O
1
Port51
LED3
P5.0
7
7
VCC
2KV
I/O
1
Port51
Push-pull
RST
16
16
VCC
I/0
Reset Input
The Port pins are driven to their reset conditions when a voltage lower
than VIL is applied, whether or not the oscillator is running.
This pin has an internal 10K pull-up resistor which allows the device to
be reset by connecting a capacitor between this pin and VSS.
Asserting RST when the chip is in Idle mode or Power-Down mode
returns the chip to normal operation.
The output is active for at least 12 oscillator periods when an internal
reset occurs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com