Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT83C5127XXX-RARIM Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT83C5127XXX-RARIM
Description  MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5127XXX-RARIM Datasheet(HTML) 5 Page - ATMEL Corporation

  AT83C5127XXX-RARIM Datasheet HTML 1Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 2Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 3Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 4Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 5Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 6Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 7Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 8Page - ATMEL Corporation AT83C5127XXX-RARIM Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
AT83C5127
7519A–SCR–04/05
D+
29
29
DVCC
I/O
USB Positive Data Upstream Port
This pin requires an external serial resistor of 33
Ω and a 1.5 K
Ω pull-
up to
VREF for full speed configuration.
D-
28
28
DVCC
I/O
USB Negative Data Upstream Port
This pin requires an external serial resistor of 33
Ω
VREF
30
30
AVCC
O
USB Voltage Reference: 3.0 <
VREF < 3.6 V
VREF can be connected to D+ through a 1.5 KΩ resistor. The VREF
voltage is controlled by software.
XTAL1
14
14
VCC
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal or an external oscillator must be
connected to this pin.
XTAL2
15
15
VCC
O
Output of the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal circuit must be connected to
this pin. If an external oscillator is used, leave XTAL2 unconnected.
PLLF
26
26
AVCC
O
PLL Low Pass Filter input
Receives the RC network of the PLL low pass filter.
AVCC
27
27
PWR
Analog Supply Voltage
AVCC is used to supply the internal 3.3V analog regulator which
supplies the internal USB driver
VCC
12
12
PWR
Supply Voltage
VCC is used to supply the internal 3.3V digital regulator which
supplies the PLL, CPU core and internal I/O’s
LI
10
10
PWR
DC/DC Input
LI supplies the current for the charge pump of the DC/DC converter.
- LI tied directly to VCC : the DC/DC converter must be configured in
regulator mode.
- LI tied to VCC through an external 10µH coil : the DC/DC converter
can be configured either in regulator or in pump mode.
CVCC
9
9
PWR
Card Supply Voltage
CVCC is the ouput of internal DC/DC converter which supplies the
Smart Card Interface. It must be connected to an external decoupling
capacitor of 10 µF with the lowest ESR as this parameter influences
on the CVCC noise
DVCC
1
1
PWR
Digital Supply Voltage
DVCC is the output of the internal analog 3.3V regulator which
supplies the USB driver. This pin must be connected to an external
680nF decoupling capacitor if the USB interface is used.
CVSS
11
11
GND
DC/DC Ground
CVSS is used to sink high shunt currents from the external coil
VSS
8
8
GND
Digital Ground
VSS is used to supply the PLL, buffer ring and the digital core
AVSS
25
25
GND
Analog Ground
AVSS is used to supply the USB driver.
Table 1. Pin Description (Continued)
Port
Internal
Power
Supply ESD
I/O
Reset
Level
Alt
Reset
Config
Conf 1
Conf 2
Conf 3
Led



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com