Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB1370 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CSB1370
Description  PNP SILICON EPITAXIAL POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSB1370 Datasheet(HTML) 1 Page - Continental Device India Limited

  CSB1370 Datasheet HTML 1Page - Continental Device India Limited CSB1370 Datasheet HTML 2Page - Continental Device India Limited CSB1370 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An IS/ISO 9002 and IECQ Certified Manufacturer
PNP SILICON EPITAXIAL POWER TRANSISTOR
CSB1370
(9AW)
TO-220
MARKING : AS BELOW
Designed For AF Power Amplifier.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
60
V
Emitter- Base Voltage
VEBO
5.0
V
Collector Current
IC
3.0
A
Peak
ICP
6.0
A
Power Dissipation @ Ta=25 deg C
PC
2.0
W
Power Dissipation @ Tc=25 deg C
30
W
Junction Temperature
Tj
150
deg C
Storage Temperature Range
Tstg
-55 to +150
deg C
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
60
-
-
V
Collector Base Voltage
VCBO
IC=50uA, IE=0
60
-
-
V
Emitter Base Voltage
VEBO
IE=50uA,IC=0
5.0
-
-
V
Collector Cut off Current
ICBO
VCB=60V, IE=0
-
-
10
uA
Emitter Cut off Current
IEBO
VEB=4V,IC=0
-
-
10
uA
Collector Emitter Saturation Voltage
VCE(Sat)
IC=2A,IB=0.2A
-
-
1.5
V
Base Emitter Saturation Voltage
VBE(Sat)
IC=2A, IB=0.2A
-
-
1.5
V
DC Current Gain
hFE
IC=0.5A, VCE=5V
60
-
320
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.5A,
-
15
-
MHz
f=5MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0
-
80
-
pF
f=1MHz
hFE CLASSIFICATION:-
D : 60 -120;
E : 100 -200
F : 160 -320
MARKING :
CSB
CSB
CSB
1370
1370
1370
DE
F
IS / IECQC 700000
IS / IECQC 750100
IS/ISO 9002
Lic# QSC/L- 000019.2
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - CSB1370

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
CSB1370E RECTRON-CSB1370E Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - CSB1370

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CDB1370EF CDIL-CDB1370EF Datasheet
88Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CFB1370 CDIL-CFB1370 Datasheet
86Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CSA1887 CDIL-CSA1887 Datasheet
125Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
logo
Weitron Technology
2SB834 WEITRON-2SB834 Datasheet
199Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Thinki Semiconductor Co...
TIP42A THINKISEMI-TIP42A Datasheet
755Kb / 2P
PNP Silicon Epitaxial Power Transistor
2SA940 THINKISEMI-2SA940 Datasheet
530Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
MJE350 CDIL-MJE350 Datasheet
210Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1357 CDIL-CSA1357 Datasheet
81Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1156 CDIL-CSA1156 Datasheet
95Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
BD240C CDIL-BD240C Datasheet
137Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com