Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

202HT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 202HT
Description  Slim PCB Miniature Power Relay.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202HT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  202HT Datasheet HTML 1Page - List of Unclassifed Manufacturers 202HT Datasheet HTML 2Page - List of Unclassifed Manufacturers 202HT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SONG CHUAN
118
202HT
Safety Approval
Safety Approval Rating
Specification
Contact material
AgNi alloy
Contact resistance
(1)
Operate time
(1)
10 ms Max.
Release time
(1)
10 ms Max.
Insulation resistance
(1)
1000 M
Min. (DC 500V)
Between open contact
: AC 750V, 50/60Hz 1 min.
Dielectric strength
(1)
Between contact and coil
: AC 4000V, 50/60Hz 1 min.
Operating extremes
10
55Hz , amplitude 1.5 mm
Vibration resistance
Damage limits
10
55Hz , amplitude 1.5 mm
Operating extremes
10G
Shock resistance
Damage limits
100G
Mechanical
5,000,000 operations
(frequency 18,000 operations/hr)
Life expectancy
Electrical
100,000 operations
(frequency 900 operations/hr)
Operating ambient temperature
-40
+105
(no freezing)
Weight
Approx. 4 g
Note
(1) Initial value. Operate and release time excluding contact bounce.
Certified
UL / CUL
VDE
File No.
E74321
40008369
UL / CUL
VDE
10A 277VAC
10A 250VAC T85
7A 250VAC T105
7
(0.276)
1.15
(0.045)
4.7
(0.185)
0.8
(0.031)
20.5MAX
(0.807)
0.3
(0.012)
0.3
(0.012)
0.4
(0.016)
7
(0.276)
11.5
(0.453)
1.05
(0.041)
COM
NO
7
(0.276)
11.5
(0.453)
1.05
(0.041)
1.1-4
(0.043)
Outline Dimensions
Wiring Diagram
BOTTOM VIEW
PC Board Layout
BOTTOM VIEW
100m
Max. (1A/6VDC by 4 pipes m
meter)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com