Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

202HT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 202HT
Description  Slim PCB Miniature Power Relay.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

202HT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  202HT Datasheet HTML 1Page - List of Unclassifed Manufacturers 202HT Datasheet HTML 2Page - List of Unclassifed Manufacturers 202HT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SONG CHUAN
119
202HT
————
All specifications subject to change.
Please contact Song Chuan for update. ————
Engineering Data
0
100
0A
Coil temperature rise
90
70
80
120
140
60
80
100
% of Nominal coil voltage (at 23°C)
30
40
50
60
20
10
10A
10A
10
20
60
50
40
30
% of Nominal coil voltage (at 85°C)
100
80
60
140
120
80
70
90
Coil temperature rise
0A
100
0
Ambient temperature (°C)
220
20
60
0
200
160
180
120
80
100
140
40
60
80
100
Coil operating range
240
0A
260
300
280
10A
without coil voltage
with coil voltage 100%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com