Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6144 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC6144
Description  isc Silicon NPN Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC6144 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC6144 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC6144 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Silicon NPN Power Transistors
2SC6144
DESCRIPTION
·
Collector-Emitter Saturation Voltage-
: VCE(sat) = 0.36V(Max.)@IC= 6A
·
Collector-Emitter Breakdown Voltage-
: V(BR) CEO= 50V(Min)
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Relay drivers,lamp drivers,motor drivers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
10
A
ICM
Collector Current-Pulse
13
A
IB
Base Current
2
A
PC
Collector Power Dissipation
TC=25℃
25
W
Tj
Max.Junction Temperature
150
℃
Tstg
Storage Ttemperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to
Case
5
℃
/W


Similar Part No. - 2SC6144

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6144 SANYO-2SC6144 Datasheet
62Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications
logo
Inchange Semiconductor ...
2SC6144S ISC-2SC6144S Datasheet
268Kb / 2P
isc Silicon NPN Power Transistors
logo
Sanyo Semicon Device
2SC6144SG SANYO-2SC6144SG Datasheet
309Kb / 4P
High-Current Switching Applications
logo
ON Semiconductor
2SC6144SG ONSEMI-2SC6144SG Datasheet
240Kb / 7P
Bipolar Transistor 50V, 10A, Low VCE(sat) NPN TO-220F-3FS
September, 2013
More results

Similar Description - 2SC6144

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
isc Silicon NPN Power Transistors
MJ13070 ISC-MJ13070 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
isc Silicon NPN Power Transistors
MJE5180 ISC-MJE5180 Datasheet
114Kb / 2P
isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
isc Silicon NPN Power Transistors
TIP48 ISC-TIP48 Datasheet
103Kb / 2P
isc Silicon NPN Power Transistors
TIP29B ISC-TIP29B Datasheet
82Kb / 2P
isc Silicon NPN Power Transistors
2SC4051 ISC-2SC4051 Datasheet
108Kb / 2P
isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com