Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8811 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCF8811
Description  80 x 128 pixels matrix LCD driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8811 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCF8811 Datasheet HTML 35Page - NXP Semiconductors PCF8811 Datasheet HTML 36Page - NXP Semiconductors PCF8811 Datasheet HTML 37Page - NXP Semiconductors PCF8811 Datasheet HTML 38Page - NXP Semiconductors PCF8811 Datasheet HTML 39Page - NXP Semiconductors PCF8811 Datasheet HTML 40Page - NXP Semiconductors PCF8811 Datasheet HTML 41Page - NXP Semiconductors PCF8811 Datasheet HTML 42Page - NXP Semiconductors PCF8811 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
2004 May 17
39
Philips Semiconductors
Product specification
80
× 128 pixels matrix LCD driver
PCF8811
13.10.1 BASIC COMMAND SET
The VLCD at T = TCUT in the basic command set is
determined by the conversion in the ROM look-up table
with the programmed values of VPR[5:0] and VOFF[2:0].
It can, additionally, be adjusted with the VLCD offset pads
VOS[4:0] to obtain the optimum optical performance.
Instead of using the VLCD offset pads (VOP[4:0]) the VLCD
can be adjusted with the module maker calibration setting
MMVOPCAL[4:0]; see Chapter 22.
(4)
Where:
• T
CUT is a reference temperature; see Section 13.11
• a is a fixed constant value; see Table 22
• b is a fixed constant value; see Table 22
• V
OP[7:0] is the result of the conversion table
• V
OS[4:0]/MMVOPCAL[4:0] is the value of the offset VLCD
offset pads or the value stored in the OTP cells.
Table 22 Parameters of VLCD for the basic and extended
command set
13.10.2 EXTENDED COMMAND SET
The VLCD at T = TCUT can be calculated with equation (5).
In the extended command set VPR[7:0] is the same value
as VOP[7:0]. It can additionally be adjusted with the VLCD
offset pads VOS[4:0] to obtain the optimum optical
performance.
Instead of using the VLCD offset pads (VOP[4:0]) the VLCD
can be adjusted with the module maker calibration setting
MMVOPCAL[4:0]; see Chapter 22.
(5)
Where:
• T
CUT is a reference temperature (see Section 13.11)
• a is a fixed constant value (see Table 22)
• b is a fixed constant value (see Table 22)
• V
PR[7:0] is the programmed VOP value
• V
OS[4:0]/MMVOPCAL[4:0] is the value of the offset VLCD
offset pads or the value stored in the OTP cells.
As the programming range for the internally generated
VLCD allows values above the maximum allowed VLCD
(9 V) the user has to ensure while setting the VPR register
and selecting the Temperature Compensation (TC), that
under all conditions and including all tolerances the VLCD
remains below 9.0 V. This is valid for the two different
command sets.
SYMBOL
VALUE
UNIT
TCUT
40
°C
b
0.03
V
a3
V
V
LCD TT
CUT
=
()
aV
OS [4:0]
V
OP [7:0]
+
() b
×
+
=
V
LCD TT
CUT
=
()
aV
OS [4:0]
V
PR [7:0]
+
() b
×
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com