Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23008 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP23008
Description  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23008 Datasheet(HTML) 3 Page - Microchip Technology

  MCP23008 Datasheet HTML 1Page - Microchip Technology MCP23008 Datasheet HTML 2Page - Microchip Technology MCP23008 Datasheet HTML 3Page - Microchip Technology MCP23008 Datasheet HTML 4Page - Microchip Technology MCP23008 Datasheet HTML 5Page - Microchip Technology MCP23008 Datasheet HTML 6Page - Microchip Technology MCP23008 Datasheet HTML 7Page - Microchip Technology MCP23008 Datasheet HTML 8Page - Microchip Technology MCP23008 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
© 2005 Microchip Technology Inc.
DS21919B-page 3
MCP23008/MCP23S08
1.0
DEVICE OVERVIEW
The
MCP23X08
device
provides
8-bit,
general
purpose, parallel I/O expansion for I2C bus or SPI
applications. The two devices differ in the number of
hardware address pins and the serial interface:
• MCP23008 – I2C interface; three address pins
• MCP23S08 – SPI interface; two address pins
The MCP23X08 consists of multiple 8-bit configuration
registers for input, output and polarity selection. The
system master can enable the I/Os as either inputs or
outputs by writing the I/O configuration bits. The data
for each input or output is kept in the corresponding
Input or Output register. The polarity of the Input Port
register can be inverted with the Polarity Inversion
register. All registers can be read by the system master.
The interrupt output can be configured to activate
under two conditions (mutually exclusive):
1.
When
any
input
state
differs
from
its
corresponding input port register state. This is
used to indicate to the system master that an
input state has changed.
2.
When an input state differs from a preconfigured
register value (DEFVAL register).
The Interrupt Capture register captures port values at
the time of the interrupt, thereby saving the condition
that caused the interrupt.
The Power-on Reset (POR) sets the registers to their
default values and initializes the device state machine.
The hardware address pins are used to determine the
device address.
1.1
Pin Descriptions
TABLE 1-1:
PINOUT DESCRIPTION
Pin
Name
PDIP/S
OIC
SSOP
Pin
Type
Function
SCL/SCK
1
1
I
Serial clock input.
SDA/SI
2
2
I/O
Serial data I/O (MCP23008)/Serial data input (MCP23S08).
A2/SO
3
3
I/O
Hardware address input (MCP23008)/Serial data output (MCP23S08).
A2 must be biased externally.
A1
4
4
I
Hardware address input. Must be biased externally.
A0
5
5
I
Hardware address input. Must be biased externally.
RESET
6
6
I
External reset input
NC/CS
7
7
I
No connect (MCP23008)/External chip select input (MCP23S08).
INT
8
8
O
Interrupt output. Can be configured for active-high, active-low or open-drain.
VSS
9
9
P
Ground.
GP0
10
12
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
GP1
11
13
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
GP2
12
14
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
GP3
13
15
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
GP4
14
16
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
GP5
15
17
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
GP6
16
18
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
GP7
17
19
I/O
Bidirectional I/O pin. Can be enabled for interrupt-on-change and/or internal weak
pull-up resistor.
VDD
18
20
P
Power.
N/C
10, 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com