Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23008 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP23008
Description  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23008 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP23008 Datasheet HTML 2Page - Microchip Technology MCP23008 Datasheet HTML 3Page - Microchip Technology MCP23008 Datasheet HTML 4Page - Microchip Technology MCP23008 Datasheet HTML 5Page - Microchip Technology MCP23008 Datasheet HTML 6Page - Microchip Technology MCP23008 Datasheet HTML 7Page - Microchip Technology MCP23008 Datasheet HTML 8Page - Microchip Technology MCP23008 Datasheet HTML 9Page - Microchip Technology MCP23008 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
MCP23008/MCP23S08
DS21919B-page 6
© 2005 Microchip Technology Inc.
1.4.1
ADDRESSING I2C DEVICES
(MCP23008)
The MCP23008 is a slave I2C device that supports 7-bit
slave addressing, with the read/write bit filling out the
control byte. The slave address contains four fixed bits
and three user-defined hardware address bits (pins A2,
A1 and A0). Figure 1-2 shows the control byte format.
1.4.2
ADDRESSING SPI DEVICES
(MCP23S08)
The MCP23S08 is a slave SPI device. The slave
address contains five fixed bits and two user-defined
hardware address bits (pins A1 and A0), with the
read/write bit filling out the control byte. Figure 1-3
shows the control byte format.
FIGURE 1-2:
I2C™ CONTROL BYTE
FORMAT
FIGURE 1-3:
SPI™ CONTROL BYTE
FORMAT
FIGURE 1-4:
I2C™ ADDRESSING REGISTERS
FIGURE 1-5:
SPI™ ADDRESSING REGISTERS
S
0
1
0
0
A2A1A0R/W ACK
Start
bit
Slave Address
R/W bit
ACK bit
Control Byte
R/W = 0 = write
R/W = 1 = read
0
100
0
A1
A0 R/W
Slave Address
R/W bit
Control Byte
R/W = 0 = write
R/W = 1 = read
CS
S0
1
0
0
A2 A1
A0
0
ACK
A7A6A5A4A3A2A1A0
ACK
Device Opcode
Register Address
R/W = 0
The ACKs are provided by the MCP23008.
0
1
0
0
0
A1 A0 R/W
A7A6A5A4A3A2A1A0
Device Opcode
Register Address
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com