Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S08-E/P Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP23S08-E/P
Description  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08-E/P Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP23S08-E/P Datasheet HTML 9Page - Microchip Technology MCP23S08-E/P Datasheet HTML 10Page - Microchip Technology MCP23S08-E/P Datasheet HTML 11Page - Microchip Technology MCP23S08-E/P Datasheet HTML 12Page - Microchip Technology MCP23S08-E/P Datasheet HTML 13Page - Microchip Technology MCP23S08-E/P Datasheet HTML 14Page - Microchip Technology MCP23S08-E/P Datasheet HTML 15Page - Microchip Technology MCP23S08-E/P Datasheet HTML 16Page - Microchip Technology MCP23S08-E/P Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
© 2005 Microchip Technology Inc.
DS21919B-page 13
MCP23008/MCP23S08
1.6.6
CONFIGURATION (IOCON)
REGISTER
The
IOCON
register
contains
several
bits
for
configuring the device:
• The Sequential Operation (SEQOP) controls the
incrementing function of the address pointer. If
the address pointer is disabled, the address
pointer does not automatically increment after
each byte is clocked during a serial transfer. This
feature is useful when it is desired to continuously
poll (read) or modify (write) a register.
• The Slew Rate (DISSLW) bit controls the slew
rate function on the SDA pin. If enabled, the SDA
slew rate will be controlled when driving from a
high to a low.
• The Hardware Address Enable (HAEN) control bit
enables/disables the hardware address pins (A2,
A1) on the MCP23S08. This bit is not used on the
MCP23008. The address pins are always enabled
on the MCP23008.
• The Open-Drain (ODR) control bit
enables/disables the INT pin for open-drain
configuration.
• The Interrupt Polarity (INTPOL) control bit sets
the polarity of the INT pin. This bit is functional
only when the ODR bit is cleared, configuring the
INT pin as active push-pull.
REGISTER 1-6:
IOCON – I/O EXPANDER CONFIGURATION REGISTER (ADDR 0x05)
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
—
—
SEQOP
DISSLW
HAEN
ODR
INTPOL
—
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’.
bit 5
SEQOP: Sequential Operation mode bit.
1
= Sequential operation disabled, address pointer does not increment.
0
= Sequential operation enabled, address pointer increments.
bit 4
DISSLW: Slew Rate control bit for SDA output.
1
= Slew rate disabled.
0
= Slew rate enabled.
bit 3
HAEN: Hardware Address Enable bit (MCP23S08 only).
Address pins are always enabled on MCP23008.
1
= Enables the MCP23S08 address pins.
0
= Disables the MCP23S08 address pins.
bit 2
ODR: This bit configures the INT pin as an open-drain output.
1
= Open-drain output (overrides the INTPOL bit).
0
= Active driver output (INTPOL bit sets the polarity).
bit 1
INTPOL: This bit sets the polarity of the INT output pin.
1
=Active-high.
0
=Active-low.
bit 0
Unimplemented: Read as ‘0’.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com