Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S08-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP23S08-E/P
Description  8-Bit I/O Expander with Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S08-E/P Datasheet(HTML) 1 Page - Microchip Technology

  MCP23S08-E/P Datasheet HTML 1Page - Microchip Technology MCP23S08-E/P Datasheet HTML 2Page - Microchip Technology MCP23S08-E/P Datasheet HTML 3Page - Microchip Technology MCP23S08-E/P Datasheet HTML 4Page - Microchip Technology MCP23S08-E/P Datasheet HTML 5Page - Microchip Technology MCP23S08-E/P Datasheet HTML 6Page - Microchip Technology MCP23S08-E/P Datasheet HTML 7Page - Microchip Technology MCP23S08-E/P Datasheet HTML 8Page - Microchip Technology MCP23S08-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
© 2005 Microchip Technology Inc.
DS21919B-page 1
MCP23008/MCP23S08
Features
• 8-bit remote bidirectional I/O port
- I/O pins default to input
• High-speed I2C™ interface (MCP23008)
-100 kHz
-400 kHz
-1.7 MHz
• High-speed SPI™ interface (MCP23S08)
-10 MHz
• Hardware address pins
- Three for the MCP23008 to allow up to eight
devices on the bus
- Two for the MCP23S08 to allow up to four
devices using the same chip-select
• Configurable interrupt output pin
- Configurable as active-high, active-low or
open-drain
• Configurable interrupt source
- Interrupt-on-change from configured defaults
or pin change
• Polarity Inversion register to configure the polarity
of the input port data
• External reset input
• Low standby current: 1 µA (max.)
• Operating voltage:
- 1.8V to 5.5V @ -40°C to +85°C (I-Temp)
- 2.7V to 5.5V @ -40°C to +85°C (I-Temp)
- 4.5V to 5.5V @ -40°C to +125°C (E-Temp)
Packages
18-pin PDIP (300 mil)
18-pin SOIC (300 mil)
20-pin SSOP
Package Types
SDA
SCL
NC
INT
RESET
A1
GP4
VDD
GP7
GP6
GP5
GP3
GP2
1
2
3
4
5
6
7
18
17
16
15
14
13
12
PDIP/SOIC
8
9
11
10
GP1
GP0
A0
A2
VSS
13
12
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
11
10
GP3
VDD
GP7
GP6
GP5
GP2
GP1
GP0
N/C
GP4
SDA
SCL
VSS
A0
N/C
A1
RESET
A2
NC
INT
SSOP
SI
SCK
CS
INT
RESET
A1
GP4
VDD
GP7
GP6
GP5
GP3
GP2
1
2
3
4
5
6
7
18
17
16
15
14
13
12
PDIP/SOIC
8
9
11
10
GP1
GP0
A0
SO
VSS
13
12
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
11
10
GP3
VDD
GP7
GP6
GP5
GP2
GP1
GP0
N/C
GP4
SI
SCK
VSS
A0
N/C
A1
RESET
SO
CS
INT
SSOP
MCP23008
MCP23S08
8-Bit I/O Expander with Serial Interface


Similar Part No. - MCP23S08-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP23S08-E/P MICROCHIP-MCP23S08-E/P Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
More results

Similar Description - MCP23S08-E/P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66009FP MITSUBISHI-M66009FP Datasheet
73Kb / 8P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
M66013FP MITSUBISHI-M66013FP Datasheet
33Kb / 2P
8-BIT I/O EXPANDER WITH ADDRESS
logo
Microchip Technology
MCP23008 MICROCHIP-MCP23008_07 Datasheet
839Kb / 44P
8-Bit I/O Expander with Serial Interface
2007
MCP23017 MICROCHIP-MCP23017 Datasheet
947Kb / 48P
16-Bit I/O Expander with Serial Interface
2007
logo
NXP Semiconductors
PCA9502 PHILIPS-PCA9502 Datasheet
139Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Renesas Technology Corp
M66013FP RENESAS-M66013FP Datasheet
88Kb / 5P
8-bit I/O Expander with Address
M66009FP RENESAS-M66009FP Datasheet
2Mb / 9P
8-BIT I/O EXPANDER WITH 5-BIT ADDRESS
logo
NXP Semiconductors
PCA9502 NXP-PCA9502 Datasheet
148Kb / 25P
8-bit I/O expander with I2C-bus/SPI interface
Rev. 03-13 October 2006
logo
Texas Instruments
PCF8574A TI1-PCF8574A_15 Datasheet
1Mb / 35P
Remote 8-Bit I/O Expander
logo
Microchip Technology
MCP23017 MICROCHIP-MCP23017_16 Datasheet
879Kb / 42P
16-Bit I/O Expander with Serial Interface
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com