Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3606 Datasheet HTML 2Page - Catalyst Semiconductor CAT3606 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606 Datasheet HTML 9Page - Catalyst Semiconductor CAT3606 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT3606
6
Doc. No. 5009, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
VIN = 3.6V, EN = VIN,
ENM = ENS = GND, C
IN = COUT = 1µF, RSET = 24kΩ (20mA per LED), TAMB = 25˚C, unless
otherwise specified.
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
3.0
3.2
3.4
3.6
3.8
4.0
4.2
6 LEDs at 15mA
-4
-3
-2
-1
0
1
2
3
4
-50
-25
0
25
50
75
100
125
6 LEDs at 15mA
Vin = 4V
0.0
0.1
0.2
0.3
0.4
0.5
3.0
3.2
3.4
3.6
3.8
4.0
4.2
6 LEDs OFF
0.0
0.1
0.2
0.3
0.4
0.5
-40
-20
0
20
40
60
80
100
6 LEDs OFF
Rset = 500k
Ω
Efficiency vs. Input Voltage (6 LEDs)
40
50
60
70
80
90
100
0
50
100
150
200
VIN = 4V (1x mode)
VIN = 3.2V (1.5x mode)
INPUT VOLTAGE [V]
TOTAL LED CURRENT [mA]
INPUT VOLTAGE [V]
TEMPERATURE [
°C]
INPUT VOLTAGE [V]
TEMPERATURE [
°C]
TYPICAL CHARACTERISTICS
Efficiency vs. Total LED Current (6 LEDs)
LED Current Change vs. Input Voltage
LED Current Change vs. Temperature
Ground Current vs. Input Voltage (1x mode)
Ground Current vs. Temperature (1x mode)
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
1x mode
1.5x mode
15mA per LED
20mA per LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com