Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT3606
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT3606 Datasheet HTML 1Page - Catalyst Semiconductor CAT3606 Datasheet HTML 2Page - Catalyst Semiconductor CAT3606 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CAT3606
2
Doc. No. 5009, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
PIN CONFIGURATION
Top View
16-lead Thin QFN (4mm x 4mm)
ORDERING INFORMATION
PIN DESCRIPTIONS
Note: The "exposed pad" under the package must be connected to the ground plane on the PCB.
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
Pl
e
e
R
r
e
p
y
t
i
t
n
a
u
Qg
n
i
k
r
a
M
e
g
a
k
c
a
P
4
S
H
6
0
6
3
T
A
Cm
m
4
x
4
6
1
-
N
F
Q
n
i
h
T0
0
0
26
6
3
C
4
V
H
6
0
6
3
T
A
C
m
m
4
x
4
6
1
-
N
F
Q
n
i
h
T
e
e
r
F
d
a
e
L
0
0
0
26
6
3
G
r
e
b
m
u
N
n
i
Pe
m
a
Nn
o
i
t
c
n
u
F
16
D
E
Ll
a
n
i
m
r
e
t
e
d
o
h
t
a
c
6
D
E
L
2N
Eh
g
i
h
e
v
i
t
c
a
,
t
u
p
n
i
n
w
o
d
t
u
h
s
/
e
l
b
a
n
E
3M
N
Ew
o
l
e
v
i
t
c
a
,
4
D
E
L
o
t
1
D
E
L
r
o
f
t
u
p
n
i
"
n
i
a
m
"
e
l
b
a
n
E
4S
N
Ew
o
l
e
v
i
t
c
a
,
6
D
E
L
d
n
a
5
D
E
L
r
o
f
t
u
p
n
i
"
b
u
s
"
e
l
b
a
n
E
5T
E
S
R
n
i
p
T
E
S
R
e
h
t
f
o
t
u
o
d
e
c
r
u
o
s
t
n
e
r
r
u
c
e
h
t
y
b
t
e
s
s
i
t
n
e
r
r
u
c
t
u
p
t
u
o
D
E
L
e
h
T
6T
U
O
V
s
e
d
o
n
a
D
E
L
e
h
t
o
t
d
e
t
c
e
n
n
o
c
t
u
p
t
u
o
p
m
u
p
e
g
r
a
h
C
7N
I
Ve
g
a
t
l
o
v
y
l
p
p
u
S
8+
1
Cl
a
n
i
m
r
e
t
1
r
o
t
i
c
a
p
a
c
t
e
k
c
u
B
9-
1
Cl
a
n
i
m
r
e
t
1
r
o
t
i
c
a
p
a
c
t
e
k
c
u
B
0
1-
2
Cl
a
n
i
m
r
e
t
2
r
o
t
i
c
a
p
a
c
t
e
k
c
u
B
1
1+
2
Cl
a
n
i
m
r
e
t
2
r
o
t
i
c
a
p
a
c
t
e
k
c
u
B
2
11
D
E
Ll
a
n
i
m
r
e
t
e
d
o
h
t
a
c
1
D
E
L
3
12
D
E
Ll
a
n
i
m
r
e
t
e
d
o
h
t
a
c
2
D
E
L
4
13
D
E
Ll
a
n
i
m
r
e
t
e
d
o
h
t
a
c
3
D
E
L
5
14
D
E
Ll
a
n
i
m
r
e
t
e
d
o
h
t
a
c
4
D
E
L
6
15
D
E
Ll
a
n
i
m
r
e
t
e
d
o
h
t
a
c
5
D
E
L
D
A
PD
N
Ge
c
n
e
r
e
f
e
r
d
n
u
o
r
G
16
15
14
13
12
11
10
9
1
2
3
4
56
7
8
LED6
EN
ENM
ENS
LED1
C2+
C2-
C1-
LED5
LED4 LED3
LED2
RSET VOUT
VIN
C1+
GND PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com