Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP412 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TFP412
Description  RAPID RESPONSE Series LFII Residential Sprinklers 4.4 K-factor Horizontal Sidewall Wet Pipe Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFP412 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TFP412 Datasheet HTML 1Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 2Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 3Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TFP412
Page 2 of 6
Sealing
-
3
5
4
*
6
Compression
of Deector.
is indicated on top
Temperature rating
Bulb
Deector
-
-
-
*
1
Components:
2
Button
Frame
-
-
WRENCH
STYLE 20
RECESSED
ESCUTCHEON
FLATS
2-7/8" DIA.
RECESSED
(73,0 mm)
5
NOMINAL
PLATE SEATING
SURFACE
ESCUTCHEON
MAKE-IN
CENTERLINE
OF WATERWAY
7/16" (11,1 mm)
(54,0 mm)
(38,1 mm)
DEFLECTOR
BOSS
(11,1 mm)
7/16"
END-OF-
2-1/8"
1-1/2"
DEFLECTOR
TOP-OF-
4
2
6
*
1
3
Assembly
Screw
1/2" NPT
FLATS
WRENCH
1-1/4" (31,8 mm)
1" (25,4 mm)
MOUNTING
PLATE
TY2334
MOUNTING
SURFACE
CLOSURE
(73,0 mm)
1/2" (12,7 mm)
(57,2 mm)
2-1/4" DIA.
1/4" (6,4 mm)
1/8"
(3,2 mm)
(11,1±3,2 mm)
SPRINKLER
FITTING
FACE OF
7/16±1/8"
2-7/8" DIA.
BOSS
END-OF-
DEFLECTOR
TOP-OF-
DEFLECTOR
7/16"
(11,1 mm)
WRENCH RECESS
(END "A" USED
FOR TY2334)
RECESS
WRENCH
WITH SPRINKLER
ENGAGEMENT
IN TO ENSURE
WRENCHING AREA
PUSH WRENCH
FIGURE 1
RAPID RESPONSE SERIES LFII RESIDENTIAL HORIZONTAL SIDEWALL
AND RECESSED HORIZONTAL SIDEWALL SPRINKLERS (TY2334)
FIGURE 2
STYLE 20 RECESSED ESCUTCHEON
FOR USE WITH THE RAPID RESPONSE SERIES LFII
RESIDENTIAL HORIZONTAL SIDEWALL SPRINKLER (TY2334)
FIGURE 3
W-TYPE 6
SPRINKLER WRENCH
FIGURE 4
W-TYPE 7 RECESSED
SPRINKLER WRENCH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com