Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP412 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TFP412
Description  RAPID RESPONSE Series LFII Residential Sprinklers 4.4 K-factor Horizontal Sidewall Wet Pipe Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TFP412 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TFP412 Datasheet HTML 1Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 2Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 3Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 4Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 5Page - List of Unclassifed Manufacturers TFP412 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TFP412
Page 4 of 6
Max. Coverage
Area (a)
Width x Length (d)
ft x ft
(m x m)
Max.
Spacing
ft
(m)
WET PIPE SYSTEM
Minimum Flow and Residual Pressure(b, c)
Ordinary Temp. Rating
155°F (68°C)
Intermediate Temp. Rating
175°F (79°C)
Deflector to
Ceiling
Installation
Type
Minimum
Spacing
ft
(m)
Flow
GPM
(L/min)
Pressure
PSI
(bar)
Flow
GPM
(L/min)
Pressure
PSI
(bar)
12 x 12
(3,7 x 3,7)
12
(3,7)
13
(49,2)
8.7
(0,60)
13
(49,2)
8.7
(0,60)
4 in. to
6 in.
Recessed
using Style 20
Escutcheon or
non-recessed
per NFPA 13D,
13R, or 13
8
(2,4)
14 x 14
(4,3 x 4,3)
14
(4,3)
14
(53,0)
10.1
(0,70)
14
(53,0)
10.1
(0,70)
16 x 16
(4,9 x 4,9)
16
(4,9)
16
(60,6)
13.2
(0,91)
16
(60,6)
13.2
(0,91)
16 x 18
(4,9 x 5,5)
16
(4,9)
19
(71,9)
18.6
(1,28)
19
(71,9)
18.6
(1,28)
16 x 20
(4,9 x 6,1)
16
(4,9)
23
(87,1)
27.3
(1,88)
23
(87,1)
27.3
(1,88)
18 x 18
(5,5 x 5,5)
18
(5,5)
23
(87,1)
27.3
(1,88)
23
(87,1)
27.3
(1,88)
18 x 20
(5,5 x 6,1)
18
(5,5)
26
(98,4)
34.9
(2,41)
26
(98,4)
34.9
(2,41)
12 x 12
(3,7 x 3,7)
12
(3,7)
13
(49,2)
8.7
(0,60)
13
(49,2)
8.7
(0,60)
6 in. to
12 in.
14 x 14
(4,3 x 4,3)
14
(4,3)
14
(53,0)
10.1
(0,70)
14
(53,0)
10.1
(0,70)
16 x 16
(4,9 x 4,9)
16
(4,9)
17
(64,3)
14.9
(1,03)
17
(64,3)
14.9
(1,03)
16 x 18
(4,9 x 5,5)
16
(4,9)
20
(75,7)
20.7
(1,43)
20
(75,7)
20.7
(1,43)
16 x 20
(4,9 x 6,1)
16
(4,9)
23
(87,1)
27.3
(1,88)
23
(87,1)
27.3
(1,88)
18 x 18
(5,5 x 5,5)
18
(5,5)
23
(87,1)
27.3
(1,88)
23
(87,1)
27.3
(1,88)
18 x 20
(5,5 x 6,1)
18
(5,5)
26
(98,4)
34.9
(2,41)
26
(98,4)
34.9
(2,41)
Notes:
a. For coverage area dimensions less than or between those indicated, use the minimum required flow for the next highest coverage area for which hydraulic design criteria
are stated.
b. Requirement is based on minimum flow in GPM (LPM) from each sprinkler. The associated residual pressures are calculated using the nominal K-factor. See Hydraulic
Design under the Design Criteria section.
c. For NFPA 13 residential applications, the greater of 0.1 gpm/ft2 over the design area or the flow in accordance with the criteria in this table must be used.
d. The Width x Length dimension refers to the Width (backwall where the sprinkler is located) times the Length (horizontal throw of sprinkler).
TABLE A
WET PIPE SYSTEMS
SERIES LFII (TY2334) RESIDENTIAL HORIZONTAL SIDEWALL
AND RECESSED HORIZONTAL SIDEWALL SPRINKLERS
NFPA 13D, 13R AND 13 WET PIPE HYDRAULIC DESIGN CRITERIA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com