Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606HS4 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT3606HS4
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606HS4 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT3606HS4 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 9Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 10Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT3606
8
Doc. No. 5009, Rev. B
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, EN = VIN,
ENM = ENS = GND, C
IN = COUT = 1µF, RSET = 24kΩ (20mA per LED), TAMB = 25˚C, unless
otherwise specified.
0.1
1.0
10.0
100.0
10
100
1000
10000
Switching Waveforms in 1.5x Mode
Operating Waveforms in 1x Mode
Power Up 6 LEDs at 15mA, VIN = 3V (1.5x Mode)
Power Up 6 LEDs at 15mA, VIN = 3.6V (1x Mode)
LED Current vs. R
SET
Line Transient Response in 1x Mode
RSET [kohm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com