Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT3606HS4 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT3606HS4
Description  6-Channel Low Noise Charge Pump White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3606HS4 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT3606HS4 Datasheet HTML 1Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 2Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 3Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 4Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 5Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 6Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 7Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 8Page - Catalyst Semiconductor CAT3606HS4 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
CAT3606
6-Channel Low Noise Charge Pump White LED Driver
Doc. No. 5009, Rev. B
I White LED detect circuitry on all channels
I Shutdown current less than 1
µA
I Small ceramic capacitors
I Soft start and current limiting
I Short circuit protection
I 16-lead thin QFN package, 0.8mm
max height
DESCRIPTION
The CAT3606 controls up to four LEDs for the main
display and two LEDs for the sub-display in cellular
phones. The device is capable of operating in either
1x (LDO) mode or 1.5x charge pump mode. All LED
pin currents are regulated and tightly matched to
achieve uniformity of brightness across the LCD
backlight. An external resistor (RSET) sets the
nominal output current.
The device can deliver as much as 20mA per
channel during low voltage operation (3V), and
30mA per channel during nominal operation (3.3V).
A constant high-frequency switching scheme
FEATURES
I Drives up to 4 main LEDs and 2 sub LEDs
I Separate control for main and sub LEDs
I Compatible with supply voltage of 3V to 5.5V
I Power efficiency up to 90%
I Output current up to 30mA per LED
I High-frequency Operation at 1MHz
I 2 modes of operation 1x and 1.5x
APPLICATIONS
I Cell phone main and sub-display backlight
I Navigation
TYPICAL APPLICATION CIRCUIT
CAT3606
+
-
C1+
C2+
C1-
C2-
VIN
EN
ENM
ENS
RSET
VOUT
LED1
LED2
LED3
LED4
LED5
LED6
COUT
20mA
RSET
Li-Ion
Battery
ON/OFF
ENABLE
LED1-4
ENABLE
LED5-6
CIN
GND
Main Display
Sub Display
I PDAs
I Digital Cameras
(1MHz) provides low noise and allows the use of
very small value ceramic capacitors.
A “zero” quiescent current mode can be achieved
via the chip enable pin EN. The Main and Sub LEDs
each have their own dedicated ON/OFF control
pins (
ENM, ENS). Dimming can be achieved using
either a DC voltage to control the RSET pin current,
or by applying a PWM signal on the
ENM and ENS
pins.
The device is available in a 16-lead thin QFN
package with a max height of 0.8mm.


Similar Part No. - CAT3606HS4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3606HV4-GT2 ONSEMI-CAT3606HV4-GT2 Datasheet
360Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3606HV4-GT2 ONSEMI-CAT3606HV4-GT2 Datasheet
259Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
259Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
More results

Similar Description - CAT3606HS4

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
Charge-Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
6-Channel High Efficiency Charge Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
Charge-Pump White LED Driver
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606HV4-T2 ONSEMI-CAT3606HV4-T2 Datasheet
360Kb / 12P
6-Channel Low Noise Charge Pump White LED Driver
Doc. No. MD-5009 Rev. D
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
6 Channel, 1X/1.5X Charge Pump White LED Driver
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
6-Channel Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
6-Channel PWM Dimming Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com