Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3685BJR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG3685BJR
Description  LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH, SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3685BJR Datasheet(HTML) 1 Page - STMicroelectronics

  STG3685BJR Datasheet HTML 1Page - STMicroelectronics STG3685BJR Datasheet HTML 2Page - STMicroelectronics STG3685BJR Datasheet HTML 3Page - STMicroelectronics STG3685BJR Datasheet HTML 4Page - STMicroelectronics STG3685BJR Datasheet HTML 5Page - STMicroelectronics STG3685BJR Datasheet HTML 6Page - STMicroelectronics STG3685BJR Datasheet HTML 7Page - STMicroelectronics STG3685BJR Datasheet HTML 8Page - STMicroelectronics STG3685BJR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2005
I
HIGH SPEED:
tPD = 0.3ns (TYP.) at VCC = 3.0V
tPD = 0.4ns (TYP.) at VCC = 2.3V
I
ULTRA LOW POWER DISSIPATION:
ICC = 0.2µA (MAX.) at TA = 85°C
I
LOW "ON" RESISTANCE VI = 0V:
RON = 0.4Ω (MAX. TA = 25°C) at VCC = 4.2V
RON = 0.5Ω (MAX. TA = 25°C) at VCC = 3.0V
RON = 0.6Ω (MAX. TA = 25°C) at VCC = 2.3V
I
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 1.4V to 4.3V SINGLE SUPPLY
I
4.3V TOLERANT AND 1.8V COMPATIBLE
THRESHOLD ON DIGITAL CONTROL INPUT
at VCC = 2.3 to 4.3V
I
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
I
ESD PERFORM. (ANALOG CHAN. vs GND):
HBM > 4KV (MIL STD 883 method 3015)
DESCRIPTION
The STG3685 is an high-speed CMOS DUAL
ANALOG S.P.D.T. (Single Pole Dual Throw)
SWITCH or DUAL 2:1 Multiplexer/Demultiplexer
Bus Switch fabricated in silicon gate C2MOS
technology. It is designed to operate from 1.4V to
4.3V, making this device ideal for portable
applications.
It offers very low ON-Resistance (<0.5
Ω) at
VCC=3.0V. The IN input is provided to control the
switches. The switches nS1 are ON (they are
connected to common Ports Dn) when the IN input
is held high and OFF (high impedance state exists
between the two ports) when IN is held low; the
switches nS2 are ON (they are connected to
common Ports Dn) when the IN input is held low
and OFF (high impedance state exists between
the two ports) when IN is held high. Additional key
features are fast switching speed, Break Before
Make
Delay
Time
and
Ultra
Low
Power
Consumption. All inputs and outputs are equipped
with protection circuits against static discharge,
giving them ESD immunity and transient excess
voltage.
It’s
available
in
the
commercial
temperature range Flip-chip package with Epoxy
Protection.
STG3685
LOW VOLTAGE 0.5
Ω MAX DUAL SPDT SWITCH,
SINGLE ENABLE WITH BREAK BEFORE MAKE FEATURE
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Figure 1: Pin Connection (Top Through View) And Schematic Circuit
Table 1: Order Codes
PACKAGE
T & R
Flip-Chip9
STG3685BJR
Flip-Chip
PRELIMINARY DATA
Rev. 2


Similar Part No. - STG3685BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3680 STMICROELECTRONICS-STG3680 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3680QTR STMICROELECTRONICS-STG3680QTR Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3680 STMICROELECTRONICS-STG3680_05 Datasheet
531Kb / 11P
LOW VOLTAGE 0.5/0.8Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
Low voltage high bandwidth dual SPDT switch
04-Dec-2006
More results

Similar Description - STG3685BJR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3699 STMICROELECTRONICS-STG3699 Datasheet
274Kb / 12P
LOW VOLTAGE 0.5ΩMAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
14-May-2004
STG3680 STMICROELECTRONICS-STG3680 Datasheet
260Kb / 11P
LOW VOLTAGE 0.5/0.8ΩMAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
May 2004 Rev. 3
STG3690 STMICROELECTRONICS-STG3690 Datasheet
171Kb / 11P
LOW VOLTAGE 5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Jan-2004
STG3684 STMICROELECTRONICS-STG3684 Datasheet
256Kb / 11P
LOW VOLTAGE 0.5ohm MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
18-May-2004
STG3699A STMICROELECTRONICS-STG3699A Datasheet
525Kb / 11P
LOW VOLTAGE 0.5ohm MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
23-Mar-2005
STG3699B STMICROELECTRONICS-STG3699B Datasheet
264Kb / 19P
Low Voltage 0.5ohm Max, Quad SPDT Switch with break-before-make feature
17-Feb-2006
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
Low voltage 1Ω max single SPDT switch with break-before-make feature
06-Dec-2006
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
Low Voltage 0.9Ω max dual SPDT Switch with break-before-make feature
01-Aug-2006
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
LOW VOLTAGE 0.5Ω MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
04-Jul-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com