Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5259
Description  Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5259 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5259 Datasheet HTML 1Page - Catalyst Semiconductor CAT5259 Datasheet HTML 2Page - Catalyst Semiconductor CAT5259 Datasheet HTML 3Page - Catalyst Semiconductor CAT5259 Datasheet HTML 4Page - Catalyst Semiconductor CAT5259 Datasheet HTML 5Page - Catalyst Semiconductor CAT5259 Datasheet HTML 6Page - Catalyst Semiconductor CAT5259 Datasheet HTML 7Page - Catalyst Semiconductor CAT5259 Datasheet HTML 8Page - Catalyst Semiconductor CAT5259 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
CAT5259
Document No. 2000, Rev. F
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect toVSS(1)(2) ................ –2.0V to +VCC +2.0V
VCC with Respect to Ground ............... –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Wiper Current .................................................... +6mA
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Absolute linearity is utilitzed to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(3) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(4) LSB = RTOT / 255 or (RH - RL) / 255, single pot
(5) n = 0, 1, 2, ..., 255
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns.
Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
POTENTIOMETER CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
RPOT
Potentiometer Resistance (100K
Ω)
100
k
Ω
RPOT
Potentiometer Resistance (50K
Ω)
50
k
Ω
Potentiometer Resistance
+20
%
Tolerance
RPOT Matching
1
%
Power Rating
50
mW
25
°C, each pot
IW
Wiper Current
+3
mA
RW
Wiper Resistance
200
300
Ω
IW = +3mA @ VCC = 3V
RW
Wiper Resistance
100
150
Ω
IW = +3mA @ VCC = 5V
VTERM
Voltage on any RH or RL Pin
VSS
VCC
VVSS = 0V
VN
Noise
nV/
√Hz
(1)
Resolution
0.4
%
Absolute Linearity (2)
+1
LSB (4)
Rw(n)(actual)-R(n)(expected)(5)
Relative Linearity (3)
+0.2
LSB (4)
Rw(n+1)-[Rw(n)+LSB](5)
TCRPOT
Temperature Coefficient of RPOT
+300
ppm/˚C
(1)
TCRATIO
Ratiometric Temp. Coefficient
20
ppm/˚C
(1)
CH/CL/CW
Potentiometer Capacitances
10/10/25
pF
(1)
fc
Frequency Response
0.4
MHz
RPOT = 50K
Ω(1)
*
COMMENT
Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any
other conditions outside of those listed in the operational sections
of this specification is not implied. Exposure to any absolute
maximum rating for extended periods may affect device perfor-
mance and reliability.
Recommended Operating Conditions:
VCC = +2.5V to +6.0V
Temperature
Min
Max
Industrial
-40
°C85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com