Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT5259 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5259
Description  Quad Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5259 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5259 Datasheet HTML 1Page - Catalyst Semiconductor CAT5259 Datasheet HTML 2Page - Catalyst Semiconductor CAT5259 Datasheet HTML 3Page - Catalyst Semiconductor CAT5259 Datasheet HTML 4Page - Catalyst Semiconductor CAT5259 Datasheet HTML 5Page - Catalyst Semiconductor CAT5259 Datasheet HTML 6Page - Catalyst Semiconductor CAT5259 Datasheet HTML 7Page - Catalyst Semiconductor CAT5259 Datasheet HTML 8Page - Catalyst Semiconductor CAT5259 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DESCRIPTION
The CAT5259 is four digitally programmable
potentiometers (DPPs™) integrated with control logic
and 16 bytes of NVRAM memory. Each DPP consists of
a series of resistive elements connected between two
externally accessible end points. The tap points between
each resistive element are connected to the wiper outputs
with CMOS switches. A separate 8-bit control register
(WCR) independently controls the wiper tap switches for
each DPP. Associated with each wiper control register
are four 8-bit non-volatile memory data registers (DR)
used for storing up to four wiper settings. Writing to the
wiper control register or any of the non-volatile data
CAT5259
Quad Digitally Programmable Potentiometers (DPP™)
with 256 Taps and 2-wire Interface
FEATURES
s Four linear taper digitally programmable
potentiometers
s 256 resistor taps per potentiometer
s End to end resistance 50k
Ω
Ω
Ω
Ω
Ω or 100kΩ
Ω
Ω
Ω
Ω
s Potentiometer control and memory access via
2-wire interface (I2C like)
s Low wiper resistance, typically 100
Ω
Ω
Ω
Ω
Ω
s Nonvolatile memory storage for up to four
wiper settings for each potentiometer
s Automatic recall of saved wiper settings at
power up
s 2.5 to 6.0 volt operation
s Standby current less than 1
µA
s 1,000,000 nonvolatile WRITE cycles
s 100 year nonvolatile memory data retention
s 24-lead SOIC and 24-lead TSSOP packages
s Industrial temperature range
PIN CONFIGURATION
FUNCTIONAL DIAGRAM
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Document No. 2000, Rev. F
registers is via a 2-wire serial bus. On power-up, the
contents of the first data register (DR0) for each of the
four potentiometers is automatically loaded into its
respective wiper control registers.
The CAT5259 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the 0˚C to 70˚C commercial
and -40˚C to 85˚C industrial operating temperature
ranges and offered in a 24-lead SOIC and TSSOP
package.
SOIC/TSSOP Package (J, W/U, Y)
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
NC
A0
R
R
R
NC
V
R
R
R
A2
WP
A3
SCL
RL2
RH2
R
NC
GND
R
R
R
A1
SDA
CAT
5259
CC
W3
H3
L3
W0
H0
W2
W1
H1
L1
L0
ALO
GEN FR
TM
LEAD FREE
R
H0
W0
W2
W3
W1
H1
H2
H3
R
R
R
RL0
L1
L2
L3
R
R
R
WIPER
CONTROL
REGISTERS
NONVOLATILE
DATA
REGISTERS
2-WIRE BUS
INTERFACE
CONTROL
LOGIC
SCL
SDA
WP
A0
A1
A2
A3
R
R
R
R


Similar Part No. - CAT5259

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
867Kb / 28P
Catalyst Semiconductor
CAT5259 CATALYST-CAT5259 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
CAT5259 ONSEMI-CAT5259 Datasheet
211Kb / 15P
Quad Digital Potentiometer (POT)
July, 2013 ??Rev. 11
logo
Catalyst Semiconductor
CAT5259WI-00 CATALYST-CAT5259WI-00 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
More results

Similar Description - CAT5259

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
CAT5259 CATALYST-CAT5259_08 Datasheet
283Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
CAT5261 CATALYST-CAT5261_08 Datasheet
241Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
logo
ON Semiconductor
CAT5259 ONSEMI-CAT5259 Datasheet
730Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 256 Taps and I짼C Interface
Doc. No. MD-2000 Rev. J
CAT5261 ONSEMI-CAT5261 Datasheet
253Kb / 15P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
Doc. No. MD-2122 Rev. G
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com