Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR161 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CMPWR161
Description  Micropower, Low Noise 4.75V/150mA LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR161 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CMPWR161 Datasheet HTML 1Page - California Micro Devices Corp CMPWR161 Datasheet HTML 2Page - California Micro Devices Corp CMPWR161 Datasheet HTML 3Page - California Micro Devices Corp CMPWR161 Datasheet HTML 4Page - California Micro Devices Corp CMPWR161 Datasheet HTML 5Page - California Micro Devices Corp CMPWR161 Datasheet HTML 6Page - California Micro Devices Corp CMPWR161 Datasheet HTML 7Page - California Micro Devices Corp CMPWR161 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©
2004 California Micro Devices Corp. All rights reserved.
01/14/044
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
3
CMPWR161
Specifications
Note 1: Operating Characteristics are over Standard Operating Conditions unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
ESD Protection (HBM)
+2000
V
Pin Voltages
VIN
VOUT
VEN
[GND - 0.5] to [+6.5]
[GND - 0.5] to [+6.5]
[GND - 0.5] to [VCC+0.5]
V
V
V
Storage Temperature Range
-40 to +150
°C
Operating Temperature Range
Ambient
Junction
0 to +70
0 to +125
°C
°C
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
VIN
4.9 to 5.5
V
Ambient Operating Temperature Range
0 to +70
°C
Load Current
0 to 150
mA
COUT
10 +10%
µF
ELECTRICAL OPERATING CHARACTERISTICS(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Regulator Output Voltage
0mA < ILOAD < 150mA
4.65
4.75
4.85
V
VR LOAD
Load Regulation
5mA < ILOAD < 150mA, VIN=5.0V
0
mV
VR LINE
Line Regulation xx
ILOAD = 5mA, 4.9V < VCC< to 5.5V
1
mV
VDO
Regulator Dropout Voltage
Minimum VIN
−V
OUT for ILOAD= 150mA
110
250
mV
IIN
VIN Current
Shutdown (Regulator Disabled), VOUT
tied to GND
0.01
10
µA
IGND
Ground Current
Regulator Enabled, ILOAD= 0mA
300
500
µA
Regulator Enabled, ILOAD= 150mA
300
500
µA
RREJ
Ripple Rejection
VIN
−V
OUT = 150mV, ILOAD= 150mA,
CBYP = 10nF
ƒ =100Hz
ƒ =10kHz
xx
42
25
xx
dB
dB
VIH
EN Input Logic High Threshold
2.0
V
VIL
EN Input Logic Low Threshold
0.5
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com