Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR161 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # CMPWR161
Description  Micropower, Low Noise 4.75V/150mA LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR161 Datasheet(HTML) 1 Page - California Micro Devices Corp

  CMPWR161 Datasheet HTML 1Page - California Micro Devices Corp CMPWR161 Datasheet HTML 2Page - California Micro Devices Corp CMPWR161 Datasheet HTML 3Page - California Micro Devices Corp CMPWR161 Datasheet HTML 4Page - California Micro Devices Corp CMPWR161 Datasheet HTML 5Page - California Micro Devices Corp CMPWR161 Datasheet HTML 6Page - California Micro Devices Corp CMPWR161 Datasheet HTML 7Page - California Micro Devices Corp CMPWR161 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
2004 California Micro Devices Corp. All rights reserved.
01/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846 L www.calmicro.com
1
CMPWR161
Micropower, Low Noise 4.75V/150mA LDO Regulator
Features
•
Excellent power supply ripple rejection for
VIN-VOUT down to 110mV
•
Excellent power supply ripple rejection in
audible band (20Hz to 20KHz)
•
Very low dropout voltage (110mV at 150mA)
•
Fast transient response minimizes glitches in
audible band.
•
Low noise in audible band
•
Guaranteed to deliver 150mA output at
4.75V output
•
Low quiescent current—300
µA typical
•
"Zero" current shutdown mode
•
5205 compatible pin-out
•
5-lead SOT-23 package
•
Lead-free version available
Applications
•
5V analog supply for audio CODEC
•
Low noise power supply ideal for audio use
•
Notebook computers
•
Sound cards
•
Motherboards
•
Set top boxes
Product Description
The CMPWR161 is a micropower, low noise regulator
designed specifically to filter out noise from a 5V digital
supply making it ideal for noise-sensitive analog appli-
cations. The CMPWR161 delivers up to 150mA at a
fixed 4.75V output. A bandgap reference bypass pin
(BYP) provides low noise operation when an external
capacitor is connected between this pin and ground. In
addition, the CMPWR161 features an enable pin (EN)
which allows the regulator to be placed into shutdown
mode supporting low power and battery applications.
The CMOS regulator features low quiescent current
even at full load.
The CMPWR161 is housed in a 5-pin SOT-23 package,
which is ideal for space critical applications. It is avail-
able with optional lead-free finishing.
Simplified Electrical Schematic
Typical Application Circuit
EN
+
VIN
GND
VOUT
-
BYP
VREF
4.75V
10kHz
VIN
EN
VOUT
GND
Supply
Voltage
1
µF
100nF
10
µF
+
-
VOUT
+
+
BYP
10nF
COUT
CIN
4.75V@
5V
GND
CMPWR161
150mA


Similar Part No. - CMPWR161

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
USB peripheral Power Management
CMPWR160SA CALMIRCO-CMPWR160SA Datasheet
124Kb / 10P
USB peripheral Power Management
CMPWR160SAR CALMIRCO-CMPWR160SAR Datasheet
124Kb / 10P
USB peripheral Power Management
CMPWR160SAT CALMIRCO-CMPWR160SAT Datasheet
124Kb / 10P
USB peripheral Power Management
CMPWR163-33 CALMIRCO-CMPWR163-33 Datasheet
196Kb / 9P
Micropower, 150mA / 3.3V Low Dropout CMOS Regulator
More results

Similar Description - CMPWR161

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
AS13985 AMSCO-AS13985_04 Datasheet
866Kb / 13P
Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com