Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPWR161R Datasheet(PDF) 7 Page - California Micro Devices Corp

Part # CMPWR161R
Description  Micropower, Low Noise 4.75V/150mA LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CMPWR161R Datasheet(HTML) 7 Page - California Micro Devices Corp

  CMPWR161R Datasheet HTML 1Page - California Micro Devices Corp CMPWR161R Datasheet HTML 2Page - California Micro Devices Corp CMPWR161R Datasheet HTML 3Page - California Micro Devices Corp CMPWR161R Datasheet HTML 4Page - California Micro Devices Corp CMPWR161R Datasheet HTML 5Page - California Micro Devices Corp CMPWR161R Datasheet HTML 6Page - California Micro Devices Corp CMPWR161R Datasheet HTML 7Page - California Micro Devices Corp CMPWR161R Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©
2004 California Micro Devices Corp. All rights reserved.
01/14/044
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
L Tel: 408.263.3214
L Fax: 408.263.7846
L www.calmicro.com
7
CMPWR161
Performance Information (cont’d)
CMPWR161 Typical Thermal Characteristics (nominal conditions unless specified otherwise)
VOUT vs. Temperature (5mA Load)
4.700
4.725
4.750
4.775
4.800
25
50
75
100
125
Temperature [
oC]
VOUT vs. Temperature (150mA Load)
4.700
4.725
4.750
4.775
4.800
25
50
75
100
125
Temperature [
oC]
Dropout Voltage vs. Load
0
25
50
75
100
125
150
0
50
100
150
Load Current [mA]
25
oC
70
oC
125
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com